Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9057BRSZ-80 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AD9057BRSZ-80 Datasheet

  • Example questions: 1. What is the maximum encode rate capability of the AD9057 A/D Converter?
    2. What is the power consumption in power-down mode for the AD9057?
    3. What is the temperature range in which the AD9057 is specified?

  • Part No.AD9057BRSZ-80
    ManufacturerAD
    Size172 Kbytes
    Pages12 pages
    Description8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
    Datasheet Summary with AI

    The AD9057 is an 8-bit monolithic analog-to-digital converter optimized for low cost, low power, small size, and ease of use.
    It has 40 MSPS, 60 MSPS, or 80 MSPS encode rate capability and a full-power analog bandwidth of 120 MHz.
    The component includes an internal 2.5 V reference and a track-and-hold circuit, and requires only a 5 V power supply and an encode clock.
    It is suitable for applications requiring excellent dynamic performance and can be operated from 5 V or 3 V supplies.
    The AD9057 is available in a 20-lead SSOP package and is specified over the industrial temperature range.
    It is also available in a dual 8-bit, 60 MSPS version called the AD9059.
    The device is ESD sensitive and has absolute maximum ratings for various parameters.
    The pin function descriptions and configuration are also provided.
    The document also includes detailed specifications and test levels for the AD9057.

    Datasheet Summary with AI

    The AD9057 is an 8-bit monolithic analog-to-digital converter optimized for low cost, low power, small size, and ease of use.
    It has 40 MSPS, 60 MSPS, or 80 MSPS encode rate capability and a full-power analog bandwidth of 120 MHz.
    The component includes an internal 2.5 V reference and a track-and-hold circuit, and requires only a 5 V power supply and an encode clock.
    It is suitable for applications requiring excellent dynamic performance and can be operated from 5 V or 3 V supplies.
    The AD9057 is available in a 20-lead SSOP package and is specified over the industrial temperature range.
    It is also available in a dual 8-bit, 60 MSPS version called the AD9059.
    The device is ESD sensitive and has absolute maximum ratings for various parameters.
    The pin function descriptions and configuration are also provided.
    The document also includes detailed specifications and test levels for the AD9057.

    Part No.AD9057BRSZ-80
    ManufacturerAD
    Size172 Kbytes
    Pages12 pages
    Description8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter