Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
The AD9057 is an 8-bit monolithic analog-to-digital converter optimized for low cost, low power, small size, and ease of use.
It has 40 MSPS, 60 MSPS, or 80 MSPS encode rate capability and a full-power analog bandwidth of 120 MHz.
The component includes an internal 2.5 V reference and a track-and-hold circuit, and requires only a 5 V power supply and an encode clock.
It is suitable for applications requiring excellent dynamic performance and can be operated from 5 V or 3 V supplies.
The AD9057 is available in a 20-lead SSOP package and is specified over the industrial temperature range.
It is also available in a dual 8-bit, 60 MSPS version called the AD9059.
The device is ESD sensitive and has absolute maximum ratings for voltage, temperature, and current.
The pin function descriptions and pin configuration are also provided.
The document also includes detailed specifications and test levels for the AD9057.
Part No. | AD9057BRSZ-60 |
Manufacturer | AD |
Size | 360 Kbytes |
Pages | 12 pages |
Description | 8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter |