Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MC34152PG Datasheet
Example questions:
1. What are the typical applications of the MC34152/MC33152 dual MOSFET drivers mentioned in the document?
2. What features make the MC34152/MC33152 drivers CMOS/LSTTL logic compatible?
3. What is the purpose of the undervoltage lockout with hysteresis in the MC34152/MC33152 dual MOSFET drivers?
The MC34152/MC33152 are high speed dual MOSFET drivers designed for low current digital signals to drive large capacitive loads with high slew rates.
They feature low input current, input hysteresis for fast output switching, and two high current totem pole outputs.
These drivers are suitable for applications such as switching power supplies, dc-to-dc converters, capacitor charge pump voltage doublers/inverters, and motor controllers.
They are available in dual-in-line and surface mount packages and are compatible with CMOS/LSTTL logic.
The devices also include undervoltage lockout with hysteresis to prevent erratic operation at low supply voltages.
The drivers are Pb-free and halide-free and are suitable for automotive and other applications requiring site and change controls.
The document also includes detailed technical specifications and electrical characteristics of the drivers.
Part No. | MC34152PG |
Manufacturer | ONSEMI |
Size | 228 Kbytes |
Pages | 12 pages |
Description | High Speed Dual MOSFET Drivers |