| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about TBOX320-852-FL Datasheet
# Example questions:
➢ How many pci express mini card slots are available on the tbox320-852-fl?
➢ What are the supported operating systems for the tbox320-852-fl?
➢ What is the operating temperature range for the tbox320-852-fl when used with a w.t. hdd?
# tBOX320-852-FL - Railway PC
## Overview
· Fanless embedded system with Intel® Core™2 Duo or Celeron® processor
· Supports railway PC standards and regulations (PrCEN TS 45545-2)
· Designed for harsh environments with wide operating temperature range (-25°C to +55°C)
## Specifications
Processors:
· Intel® Core™2 Duo SP9300 2.26 GHz
· Intel® Celeron® M 723 1.2 GHz
Memory:
· 2 GB DDR3-1333 RAM
Chipset:
· Intel® GM45 + ICH9M
Storage:
· 2 x 2.5" SATA HDD drive bay
· 1 x CompactFlash™ slot
Expansion:
· 2 x PCI Express Mini Card slots
· 1 x SIM slot
Connectivity:
· 4 x Isolated RS-232/422/485 ports
· 1 x VGA
· 1 x DVI-D
· 1 x HD Audio (Mic-in/Line-out)
· 2 x 10/100/1000Mbps Ethernet (M12 connector)
· 4 x USB 2.0
· 1 x Isolated digital I/O
· 3 x Antenna Connector
Power:
· DC 12-32V input with protection (OVP, UVP, SCP)
· M12 5-pin connector
Physical:
· Dimensions: 288 mm (W) x 211 mm (D) x 85.7 mm (H)
· Weight: 5.06 kg (net) / 6.5 kg (gross)
## Ordering Information (Examples)
· tBOX320-852-FL-2.26G-DC: Core™2 Duo, 4 COM, 4 USB, CF, Dual HDD, 4-pin M12 10/100Mbps Ethernet
· tBOX320-852-FL-1.2G-DC: Celeron Processor, 4 COM, 4 USB, CF, Dual HDD, 4-pin M12 10/100Mbps Ethernet
## Optional Accessories
· 2.5" SATA HDD (40GB+)
· CompactFlash™ (1GB+)
· 3G module
· Wifi module
· GPS module
· Wallmount Kit
# tBOX320-852-FL - Railway PC
## Overview
· Fanless embedded system with Intel® Core™2 Duo or Celeron® processor
· Supports railway PC standards and regulations (PrCEN TS 45545-2)
· Designed for harsh environments with wide operating temperature range (-25°C to +55°C)
## Specifications
Processors:
· Intel® Core™2 Duo SP9300 2.26 GHz
· Intel® Celeron® M 723 1.2 GHz
Memory:
· 2 GB DDR3-1333 RAM
Chipset:
· Intel® GM45 + ICH9M
Storage:
· 2 x 2.5" SATA HDD drive bay
· 1 x CompactFlash™ slot
Expansion:
· 2 x PCI Express Mini Card slots
· 1 x SIM slot
Connectivity:
· 4 x Isolated RS-232/422/485 ports
· 1 x VGA
· 1 x DVI-D
· 1 x HD Audio (Mic-in/Line-out)
· 2 x 10/100/1000Mbps Ethernet (M12 connector)
· 4 x USB 2.0
· 1 x Isolated digital I/O
· 3 x Antenna Connector
Power:
· DC 12-32V input with protection (OVP, UVP, SCP)
· M12 5-pin connector
Physical:
· Dimensions: 288 mm (W) x 211 mm (D) x 85.7 mm (H)
· Weight: 5.06 kg (net) / 6.5 kg (gross)
## Ordering Information (Examples)
· tBOX320-852-FL-2.26G-DC: Core™2 Duo, 4 COM, 4 USB, CF, Dual HDD, 4-pin M12 10/100Mbps Ethernet
· tBOX320-852-FL-1.2G-DC: Celeron Processor, 4 COM, 4 USB, CF, Dual HDD, 4-pin M12 10/100Mbps Ethernet
## Optional Accessories
· 2.5" SATA HDD (40GB+)
· CompactFlash™ (1GB+)
· 3G module
· Wifi module
· GPS module
· Wallmount Kit
| Part No. | TBOX320-852-FL |
| Manufacturer | AXIOMTEK |
| Size | 529 Kbytes |
| Pages | 2 pages |
| Description | Fanless operation |