![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 596288565013A Datasheet
Example questions:
1. What is the maximum voltage noise of the OP470 operational amplifier at 1 kHz?
2. What is the input offset voltage of the OP470 operational amplifier?
3. What is the power consumption advantage of using the quad OP470 compared to four OP27 operational amplifiers?
The document provides information about the OP470, a very low noise quad operational amplifier manufactured by Analog Devices.
It includes features, specifications, electrical characteristics, pin connections, and package options.
The OP470 is a high-performance amplifier with low voltage noise, excellent input offset voltage, low offset voltage drift, very high gain, outstanding common-mode rejection, and low power consumption.
It is suitable for applications such as multiple gain blocks, low noise instrumentation amplifiers, quad buffers, and low noise active filters.
The document also includes absolute maximum ratings, ordering guide, and a caution about ESD sensitivity.
Part No. | 596288565013A |
Manufacturer | AD |
Size | 3Mb Kbytes |
Pages | 16 pages |
Description | Very Low Noise Quad Operational Amplifier |