![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AD9050 Datasheet
Example questions:
1. What is the power consumption of the AD9050 ADC at 40 MSPS and 60 MSPS sampling rates?
2. What type of reference voltage is included onboard in the AD9050 ADC?
3. How is the logic I/O voltage selected in the AD9050 ADC?
The functional block diagram of the AD9050, a 10-bit monolithic sampling analog-to-digital converter (ADC), is provided.
The device features low power consumption, on-chip track-and-hold and reference, and single +5V power supply operation.
It is designed for applications such as medical imaging, instrumentation, digital communications, and professional video.
The ADC requires only +5V and an encode clock to achieve 40 MSPS or 60 MSPS sample rates with 10-bit resolution.
The device is specified over the industrial temperature range and is available in space-saving surface mount packages.
The document also includes specifications, test levels, absolute maximum ratings, ordering guide, pin function descriptions, and typical performance curves for the AD9050.
Additionally, it provides information on the digital coding, pin configuration, equivalent circuits, and timing diagram for the device.
Part No. | AD9050 |
Manufacturer | AD |
Size | 151 Kbytes |
Pages | 12 pages |
Description | 10-Bit, 40 MSPS/60 MSPS A/D Converter |