![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AMEL5-12SAZ Datasheet
Example questions:
1. What is the maximum output current for the AMEL5-12SAZ model?
2. What is the typical inrush current for the AC-DC converter at 230VAC during a cold start?
3. What is the isolation resistance for the AC-DC converter according to the specifications provided in the document?
The Preliminary Series AM EL5-AZ is a 5 Watt AC-DC converter with single output models.
It has input voltage options of 90-305VAC, 47-440Hz, or 120-430VDC and an operating temperature range of -40 to +80 degrees Celsius.
The converter features over load, over voltage, and short circuit protection, as well as soft start and efficiency up to 74%.
It is RoHS and Energy Star compliant and has various safety approvals and standards.
The converter has a compact size and is suitable for use in a variety of applications.
The specifications are subject to change without notice, and the product is not designed for use in critical life support systems or hazardous environments.
Part No. | AMEL5-12SAZ |
Manufacturer | AIMTEC |
Size | 320 Kbytes |
Pages | 3 pages |
Description | 5 Watt | AC-DC Converter |