Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L5962 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about L5962 Datasheet

  • Example questions: 1. What is the maximum load current that can be selected through a dedicated pin in the L5962 multiple linear/switching voltage regulator for car-radio?
    2. How many high side drivers are there in the L5962 device and how much is the maximum drop at 0.5 A?
    3. What is the standby regulator voltage and current for the L5962 device when selected through the dedicated pin VSTBYSEL?

  • Part No.L5962
    ManufacturerSTMICROELECTRONICS
    Size248 Kbytes
    Pages24 pages
    DescriptionMultiple linear/switching voltage regulator for car-radio
    Datasheet Summary with AI

    The document is a technical specification for the L5962, a multiple linear/switching voltage regulator for car radios.
    It features a step-down synchronous switching voltage regulator, linear regulators, high side drivers, reset function, I2C bus interface, under/over voltage battery detector, load dump protection, and independent thermal protection on all regulators.
    The device is described as very versatile and is designed to provide a complete set of regulated voltages covering all the needs of a car-radio set.
    The document includes a block and application diagram, pin description, electrical specifications, device description, operating mode, I2C bus interface, software specifications, and package information.

    Datasheet Summary with AI

    The document is a technical specification for the L5962, a multiple linear/switching voltage regulator for car radios.
    It features a step-down synchronous switching voltage regulator, linear regulators, high side drivers, reset function, I2C bus interface, under/over voltage battery detector, load dump protection, and independent thermal protection on all regulators.
    The device is described as very versatile and is designed to provide a complete set of regulated voltages covering all the needs of a car-radio set.
    The document includes a block and application diagram, pin description, electrical specifications, device description, operating mode, I2C bus interface, software specifications, and package information.

    Part No.L5962
    ManufacturerSTMICROELECTRONICS
    Size248 Kbytes
    Pages24 pages
    DescriptionMultiple linear/switching voltage regulator for car-radio