Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about NL27WZ16_12 Datasheet
Example questions:
1. What is the supply voltage range for the NL27WZ16 dual buffer?
2. What is the typical propagation delay (tPD) for the NL27WZ16 dual buffer at VCC = 5V?
3. What is the unique feature of the NLV prefix for the NL27WZ16 dual buffer?
The NL27WZ16 is a high performance dual buffer that operates from a 1.65 to 5.5 V supply.
It has extremely high speed, over voltage tolerant inputs, and is LVTTL and LVCMOS compatible.
The device is designed for automotive and other applications requiring unique site and control change requirements.
It has a maximum supply voltage of 7.0 V and a maximum operating temperature of 125°C.
The device is Pb−Free and RoHS compliant.
It also has a near zero static supply current, which substantially reduces system power requirements.
The package dimensions and ordering information are also provided in the document.
Part No. | NL27WZ16_12 |
Manufacturer | ONSEMI |
Size | 116 Kbytes |
Pages | 6 pages |
Description | Dual Buffer |