Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14503B_11 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MC14503B_11 Datasheet

  • Example questions: 1. What is the function of the MC14503B device described in the given PDF?
    2. What are the maximum ratings for the DC Supply Voltage Range and the Input or Output Voltage Range of the MC14503B device?
    3. How many disable controls are provided in the MC14503B device, and what happens when a high level is applied to each of them?

  • Part No.MC14503B_11
    ManufacturerONSEMI
    Size136 Kbytes
    Pages7 pages
    DescriptionHex Non-Inverting 3-State Buffer
    Datasheet Summary with AI

    The MC14503B is a hex non-inverting buffer with 3-state outputs, high current source and sink capability, and two disable controls.
    It is useful in common bussing applications and is TTL compatible.
    The device has a supply voltage range of 3.0 Vdc to 18 Vdc and is a pin for pin replacement for MM80C97 and 340097.
    It is Pb-Free and RoHS compliant.
    The maximum ratings and operating conditions are provided, along with ordering information for different package options.
    The device contains protection circuitry to guard against damage due to high static voltages or electric fields.
    The summary also includes pin assignment, logic diagram, truth table, and circuit diagram for the MC14503B.

    Datasheet Summary with AI

    The MC14503B is a hex non-inverting buffer with 3-state outputs, high current source and sink capability, and two disable controls.
    It is useful in common bussing applications and is TTL compatible.
    The device has a supply voltage range of 3.0 Vdc to 18 Vdc and is a pin for pin replacement for MM80C97 and 340097.
    It is Pb-Free and RoHS compliant.
    The maximum ratings and operating conditions are provided, along with ordering information for different package options.
    The device contains protection circuitry to guard against damage due to high static voltages or electric fields.
    The summary also includes pin assignment, logic diagram, truth table, and circuit diagram for the MC14503B.

    Part No.MC14503B_11
    ManufacturerONSEMI
    Size136 Kbytes
    Pages7 pages
    DescriptionHex Non-Inverting 3-State Buffer