Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0012-0023 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 0012-0023 Datasheet

  • # Example questions: ➢ What are the available temperature ratings for the e29 switch series?
    ➢ How does the contact material differ between the g13 and e13 switch series?
    ➢ What mounting hardware is recommended, and what is the maximum torque for the mounting screw?

  • Part No.0012-0023
    ManufacturerCHERRY
    Size784 Kbytes
    Pages3 pages
    DescriptionGENERAL PURPOSE - SINGLE POLE
    Datasheet Summary with AI

    # E Series Single Pole Switches

    ## Features

    · Choice of 5 contact ratings
    · High temperature (200°C) versions available
    · Long life coil spring, snap action mechanism
    · RoHS Compliant
    · Extended life, 105°C UL versions available (special part number required)

    ## Electrical Ratings & Operating Life (UL1054)

    Switch Series Nominal Load Operation Cycles (Min)
    G13 0.1A 125VAC, 0.1A 30VDC 6000*
    E13 15A, 125/250VAC; 3/4HP 125VAC; 1 ½ hp 250VAC; 2A 48VDC 6000*
    E14 25A 125/250VAC; 1HP 125VAC; 2HP 250VAC; 2A 48VDC 6000
    E30 30.1A 125/250VAC; 1HP 125VAC; 2HP 250VAC (UL Only) 6000
    E29 30.1A 125/250/277 VAC (UL Approved - Resistive Load Only) 6000

    ## Technical Specifications

    · Case: General Purpose Phenolic
    · Actuator Button: Thermoplastic Nylon
    · Temperature Ratings: -40°C to 105°C (G13, E13, E14), -40°C to 85°C (E29), Optional 150°C & 200°C
    · Common Terminal: Brass (G13 & E13), Silver Plated Brass (E14), Silver Plated Copper (E29, E30)
    · Flammability Rating: UL94HB
    · Terminals: 0.250” x 0.032” (6.35mm x 0.81mm) – Brass (G13, E13), Copper (E14, E29, E30)
    · Moving Blade: Brass (G13, E13), Silver Plated Beryllium Copper (E14, E29, E30)
    · Spring: Stainless Steel
    · CSA File Number: 16503
    · UL File Number: E23301
    · Contacts: Silver-CdO (E13, E14, E29, E30), Gold Crosspoint (G13)

    ## Dimensions & Actuator Options

    · -00J: White plastic button
    · -00M: Metal cap over button
    · Flat Actuator Version
    · Roller Actuator Version
    · Mounting: Brass Hex Nut (0012-0023), Brass Hex Nut (Nickel Plated) (0012-0028), Recommended screw: #6-32 round head (6 inch-lbs max), Recommended torque on ferrule: 20 inch lbs max

    ## Ordering Information

    · Part Number Format: `[Contact Rating]-[Button/Actuator Style]`
    · Example: E13-50H
    · SPST Versions:
    - SPST – NO: `[Contact Rating]-[Button Style]` + 1 (e.g., E13-51H)
    - SPST – NC: `[Contact Rating]-[Button Style]` + 2 (e.g., 0E13-52H)

    ## Contact Information

    · ZF Electronics Corporation
    · 11200 88th Avenue, Pleasant Prairie, WI 53158
    · Phone: 262.942.6500
    · Web: www.cherrycorp.com
    · Email: cep_sales@zf.com
    · Fax: 262.942.6566

    # E Series Single Pole Switches

    ## Features

    · Choice of 5 contact ratings
    · High temperature (200°C) versions available
    · Long life coil spring, snap action mechanism
    · RoHS Compliant
    · Extended life, 105°C UL versions available (special part number required)

    ## Electrical Ratings & Operating Life (UL1054)

    Switch Series Nominal Load Operation Cycles (Min)
    G13 0.1A 125VAC, 0.1A 30VDC 6000*
    E13 15A, 125/250VAC; 3/4HP 125VAC; 1 ½ hp 250VAC; 2A 48VDC 6000*
    E14 25A 125/250VAC; 1HP 125VAC; 2HP 250VAC; 2A 48VDC 6000
    E30 30.1A 125/250VAC; 1HP 125VAC; 2HP 250VAC (UL Only) 6000
    E29 30.1A 125/250/277 VAC (UL Approved - Resistive Load Only) 6000

    ## Technical Specifications

    · Case: General Purpose Phenolic
    · Actuator Button: Thermoplastic Nylon
    · Temperature Ratings: -40°C to 105°C (G13, E13, E14), -40°C to 85°C (E29), Optional 150°C & 200°C
    · Common Terminal: Brass (G13 & E13), Silver Plated Brass (E14), Silver Plated Copper (E29, E30)
    · Flammability Rating: UL94HB
    · Terminals: 0.250” x 0.032” (6.35mm x 0.81mm) – Brass (G13, E13), Copper (E14, E29, E30)
    · Moving Blade: Brass (G13, E13), Silver Plated Beryllium Copper (E14, E29, E30)
    · Spring: Stainless Steel
    · CSA File Number: 16503
    · UL File Number: E23301
    · Contacts: Silver-CdO (E13, E14, E29, E30), Gold Crosspoint (G13)

    ## Dimensions & Actuator Options

    · -00J: White plastic button
    · -00M: Metal cap over button
    · Flat Actuator Version
    · Roller Actuator Version
    · Mounting: Brass Hex Nut (0012-0023), Brass Hex Nut (Nickel Plated) (0012-0028), Recommended screw: #6-32 round head (6 inch-lbs max), Recommended torque on ferrule: 20 inch lbs max

    ## Ordering Information

    · Part Number Format: `[Contact Rating]-[Button/Actuator Style]`
    · Example: E13-50H
    · SPST Versions:
    - SPST – NO: `[Contact Rating]-[Button Style]` + 1 (e.g., E13-51H)
    - SPST – NC: `[Contact Rating]-[Button Style]` + 2 (e.g., 0E13-52H)

    ## Contact Information

    · ZF Electronics Corporation
    · 11200 88th Avenue, Pleasant Prairie, WI 53158
    · Phone: 262.942.6500
    · Web: www.cherrycorp.com
    · Email: cep_sales@zf.com
    · Fax: 262.942.6566

    Part No.0012-0023
    ManufacturerCHERRY
    Size784 Kbytes
    Pages3 pages
    DescriptionGENERAL PURPOSE - SINGLE POLE