| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CL1-830-NW-P Datasheet
# Example questions:
➢ What is the maximum recommended input current for these led modules?
➢ What are the available led color options, and what do the abbreviations represent?
➢ How does the ambient temperature affect the actual light output compared to the 'flash test' data?
# CL1 Series LED Lighting
## Features & Benefits
· Ultra slim design
· 50,000+ hour life
· Low energy consumption
· No IR or UV emissions
· Low maintenance costs
· Immediate start-up
· IP67 rated option available for damp environments
· High efficiency LED technology
## Applications
· Cove and cornice lighting
· Shelf lighting
· Integrated into furniture
· Under counters
· Stair hand rails
· Display cases
· Task lighting
## Operating Conditions
· Ambient Temperature: -20°C to +55°C (-4°F to +131°F)
· Recommended Maximum Input Current: 350mA
## Materials & Mounting
· Anodized Aluminum
· Each module includes 300cm (108”) of pre-wired cable with bare ends
· Mounting spring clips included (Matl: Spring Steel Bright Zinc Plated)
## Technical Specifications
· LEDs: Nichia O83 A
· Cable Diameter/Length: 4mm / 300 cm
## Output (Typical @ 350mA)
| Length (mm/Inches) | LEDs | Power Consumption (Watts) | Cool White Output (Lumens) | Warm White Output (Lumens) |
|---|---|---|---|---|
| 225.5 / 8.88 | 2 | 2.4W | 144 | 102 |
| 622.5 / 24.51 | 6 | 7.2W | 432 | 308 |
| 822.5 / 32.38 | 8 | 9.6W | 576 | 408 |
# CL1 Series LED Lighting
## Features & Benefits
· Ultra slim design
· 50,000+ hour life
· Low energy consumption
· No IR or UV emissions
· Low maintenance costs
· Immediate start-up
· IP67 rated option available for damp environments
· High efficiency LED technology
## Applications
· Cove and cornice lighting
· Shelf lighting
· Integrated into furniture
· Under counters
· Stair hand rails
· Display cases
· Task lighting
## Operating Conditions
· Ambient Temperature: -20°C to +55°C (-4°F to +131°F)
· Recommended Maximum Input Current: 350mA
## Materials & Mounting
· Anodized Aluminum
· Each module includes 300cm (108”) of pre-wired cable with bare ends
· Mounting spring clips included (Matl: Spring Steel Bright Zinc Plated)
## Technical Specifications
· LEDs: Nichia O83 A
· Cable Diameter/Length: 4mm / 300 cm
## Output (Typical @ 350mA)
| Length (mm/Inches) | LEDs | Power Consumption (Watts) | Cool White Output (Lumens) | Warm White Output (Lumens) |
|---|---|---|---|---|
| 225.5 / 8.88 | 2 | 2.4W | 144 | 102 |
| 622.5 / 24.51 | 6 | 7.2W | 432 | 308 |
| 822.5 / 32.38 | 8 | 9.6W | 576 | 408 |
| Part No. | CL1-830-NW-P |
| Manufacturer | DIALIGHT |
| Size | 161 Kbytes |
| Pages | 2 pages |
| Description | CL1 SERIES COVELED1 |
| Privacy Policy |
| ALLDATASHEET.COM |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |