![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AD9633 Datasheet
Example questions:
1. What is the supply operation voltage for the AD9633 ADC mentioned in the data sheet?
2. What is the Signal-to-Noise Ratio (SNR) of the AD9633 ADC to Nyquist frequency?
3. What are some of the applications mentioned for the AD9633 ADC in the data sheet?
The AD9633 is a quad, 12-bit, 80 MSPS/105 MSPS/125 MSPS analog-to-digital converter (ADC) with a 1.8 V supply operation and low power consumption.
It is designed for applications such as medical ultrasound, high-speed imaging, radio receivers, and test equipment.
The ADC features a small footprint, programmable output clock and data alignment, and digital test pattern generation.
It is available in a RoHS-compliant, 48-lead LFCSP and is specified over the industrial temperature range of −40°C to +85°C.
The ADC also has various specifications for DC, AC, digital, switching, and timing, as well as features such as power supply rejection ratio, analog input bandwidth, and crosstalk performance.
Part No. | AD9633 |
Manufacturer | AD |
Size | 1Mb Kbytes |
Pages | 40 pages |
Description | Quad, 12-Bit, 80 MSPS/105 MSPS |