![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 2534R Datasheet
Example questions:
1. What is the maximum height of the SERIES 2534R Molded Unshielded RF Coils according to the provided PDF?
2. What is the lead spacing range for the SERIES 2534R Molded Unshielded RF Coils as mentioned in the PDF?
3. What is the operating temperature range for the SERIES 2534R Molded Unshielded RF Coils specified in the PDF?
## RF Inductors - Series 2534 Ferrite Core
### Physical Parameters
* **Height:** 0.345 Max.
(8.76 Max.
in Millimeters)
* **Diameter:** 0.25 ± 0.010 (6.35 ± 0.25 in Millimeters)
* **Lead Size:** AWG #24 TC W, 0.020 ± 0.0015 (0.508 ± 0.0038 in Millimeters)
* **Lead Length:** 1.62 ± 0.12 (41.15 ± 3.05 in Millimeters)
* **Lead Spacing:** 0.170 to 0.210 (4.32 to 5.33 in Millimeters)
* **Weight Max:** 1.0 Grams
### Electrical Characteristics (Example: 2534R -24K)
* **Core Material:** Ferrite
* **Operating Temperature Range:** -55°C to +125°C
* **Maximum Power Dissipation:** 0.23 W at 90°C
* **Current Rating:** 35 mA at 90°C ambient rise
* **Marking:** Delevan cage code (99800); 2534; dash number with tolerance letter; "R" indicates RoHS compliance.
* **Inductance:** Varies based on dash number (see table below)
* **Q Minimum:** Varies based on dash number and test frequency (see table)
* **Test Frequency:** Varies with dash number.
* **DC Resistance (Maximum):** Varies with dash number (0.10 to 0.68 Ohms).
* **Tolerance:** Standard is ±10%; optional J = 5%, H = 3%.
### Dash Number Table (Partial)
| Dash Number | Inductance (mH) | Q Minimum | DC Resistance (Max.
Ohms) |
|---|---|---|---|
| -00K | 790 | 790 | 0.10 |
| -02K | 790 | 790 | 0.12 |
| -04K | 790 | 790 | 0.15 |
| -10K | 270 | 790 | 0.22 |
| -24K | 160 | 790 | 0.33 |
| -48K | 82 | 790 | 0.68 |
| -50L | 82 | 790 | 0.68 |
| ...
| ...
| ...
| ...
|
### Packaging
* Bulk only
### Notes
* Complete part number must include series number plus the dash number.
* For surface finish information, refer to www.delevanfinishes.com.
Part No. | 2534R |
Manufacturer | API |
Size | 1Mb Kbytes |
Pages | 1 page |
Description | Molded Unshielded RF Coils |