Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about TLE7250GVIO Datasheet
Example questions:
1. What is the title of the datasheet?
2. When was the datasheet last revised?
3. What type of transceiver is TLE7250GVIO?
The Automotive Power Data Sheet provides detailed information about the TLE7250GVIO High Speed CAN Transceiver.
It includes an overview, block diagram, pin configuration, functional description, fail-safe functions, general product characteristics, electrical characteristics, application information, package outlines, and revision history.
The TLE7250GVIO is designed for CAN networks in automotive and industrial applications, providing features such as ESD immunity, short-circuit protection, and overtemperature protection.
It is fully compliant with ISO 11898-2 and is suitable for 5V and 3.3V microcontroller I/O voltages.
The transceiver is optimized for mixed supply CAN networks and provides excellent passive behavior in the power-down state.
It also includes fail-safe features and optimized output slew rates for large CAN networks with high data transmission rates.
The document also includes a block diagram, pin configuration, and functional description of the transceiver.
Part No. | TLE7250GVIO |
Manufacturer | INFINEON |
Size | 1Mb Kbytes |
Pages | 23 pages |
Description | High Speed CAN Transceiver |