![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ADC1613D_11 Datasheet
Example questions:
1. What is the maximum sample rate supported by the ADC1613D?
2. What is the power dissipation of the ADC1613D at 80 Msps?
3. What is the input bandwidth of the ADC1613D?
The ADC1613D is a dual-channel 16-bit Analog-to-Digital Converter (ADC) optimized for high dynamic performance and low power at sample rates up to 125 Msps.
It has a pipelined architecture and output error correction to ensure accuracy and zero missing codes over the entire operating range.
The device is supplied from a 3.3 V source for analog and a 1.8 V source for the output driver, and it embeds two serial outputs.
It also includes an integrated Serial Peripheral Interface (SPI) for easy configuration and a set of IC configurations available via binary level control pins.
The ADC1613D is ideal for use in communications, imaging, and medical applications.
It is available in different sampling frequencies and packages, and it has various features and benefits such as high IF capability, power-down mode, and sleep mode.
The device also has a flexible input voltage range and complies with the JESD204A serial transmission standard.
The block diagram, pinning information, limiting values, thermal characteristics, and static characteristics are also provided in the datasheet.
Part No. | ADC1613D_11 |
Manufacturer | NXP |
Size | 622 Kbytes |
Pages | 43 pages |
Description | Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface |