Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6643 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AD6643 Datasheet

  • Example questions: 1. What is the total power consumption of the AD6643 at 200 MSPS and 1.8 V supply voltage?
    2. What are the applications of the AD6643 dual IF receiver?
    3. Can you describe the functional block diagram of the AD6643?

  • Part No.AD6643
    ManufacturerAD
    Size1Mb Kbytes
    Pages36 pages
    DescriptionDual IF Receiver 1.8 V supply voltages Internal ADC voltage reference
    Datasheet Summary with AI

    The AD6643 is a dual IF receiver designed for use in telecommunication applications where high dynamic range performance, low power, and small size are desired.
    It features two high-performance analog-to-digital converters (ADCs) and noise shaping requantizer (NSR) digital blocks, with the ability to achieve up to 76.1 dBFS SNR in a 40 MHz band to 90 MHz at 185 MSPS with NSR enabled.
    The device also supports two different output modes selectable via the SPI, and has flexible power-down options for significant power savings.
    It operates from a single 1.8 V supply and is available in a Pb-free, RoHS compliant, 64-lead, 9 mm × 9 mm lead frame chip scale package (LFCSP_VQ).
    The AD6643 is suitable for applications such as communications diversity radio, smart antenna systems, multimode digital receivers, and general-purpose software radios.

    Datasheet Summary with AI

    The AD6643 is a dual IF receiver designed for use in telecommunication applications where high dynamic range performance, low power, and small size are desired.
    It features two high-performance analog-to-digital converters (ADCs) and noise shaping requantizer (NSR) digital blocks, with the ability to achieve up to 76.1 dBFS SNR in a 40 MHz band to 90 MHz at 185 MSPS with NSR enabled.
    The device also supports two different output modes selectable via the SPI, and has flexible power-down options for significant power savings.
    It operates from a single 1.8 V supply and is available in a Pb-free, RoHS compliant, 64-lead, 9 mm × 9 mm lead frame chip scale package (LFCSP_VQ).
    The AD6643 is suitable for applications such as communications diversity radio, smart antenna systems, multimode digital receivers, and general-purpose software radios.

    Part No.AD6643
    ManufacturerAD
    Size1Mb Kbytes
    Pages36 pages
    DescriptionDual IF Receiver 1.8 V supply voltages Internal ADC voltage reference