![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SC16IS740_11 Datasheet
Example questions:
1. What is the maximum data rate offered by the SC16IS740/750/760 UART interface?
2. What additional feature does the SC16IS760 offer compared to the SC16IS750 in terms of SPI clock speeds?
3. How does the internal register set of the SC16IS740/750/760 UART interface compare to the widely used 16C450?
The SC16IS740/750/760 is a high-performance UART with a slave I2C-bus/SPI interface.
It offers data rates up to 5 Mbit/s and low operating and sleeping current.
The SC16IS750 and SC16IS760 also provide 8 additional programmable I/O pins.
The device is suitable for handheld, battery-operated applications and enables seamless protocol conversion from I2C-bus or SPI to RS-232/RS-485.
The SC16IS760 supports higher SPI clock speeds and IrDA SIR up to 1.152 Mbit/s.
It is backward-compatible with the 16C450 and offers advanced features such as auto hardware and software flow control, automatic RS-485 support, and software reset.
It is suitable for applications in factory automation, process control, portable and battery-operated devices, and cellular data devices.
The device comes in small packages and is available in different versions.
Part No. | SC16IS740_11 |
Manufacturer | NXP |
Size | 555 Kbytes |
Pages | 63 pages |
Description | Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs |