![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about RB0807-2R2K-RC Datasheet
Example questions:
1. What is the inductance range of the RB0807 Radial Bobbin Inductors mentioned in the PDF?
2. What is the maximum DCR (DC Resistance) specified for the RB0807-392K-RC inductor?
3. What is the operating temperature range for the RB0807 Radial Bobbin Inductors as per the PDF?
# RB0807 Radial Bobbin Inductors
## Features
* Small Foot Print
* Extensive Inductance Range: 2.2µh ~ 18,000µh
* UL Polyolefin Tubing
* Marking: EIA Inductance Code
* Packaging: 600 pieces per bag.
## Electrical Specifications
* Inductance Range: 2.2µh to 18,000µh
* Tolerance: 10% over entire range
* Test Frequency: 100KHz, .01V
* Operating Temperature: -55ºC to +125ºC
* Irms: Current at which the temperature of the part will increase by 20º and 40º
* Isat: Based on Inductance change by no more than 10% of initial value.
## Physical Specifications
* Dimensions: See datasheet for specific values (inches/mm)
## Part Number and Inductance Values (µh)
| Part Number | Inductance (µh) | Tolerance (%) | SRF (MHz) | DCR (Ω) | Irms (A) @ 40ºC Rise | Isat (A) @ 20ºC Rise |
| :------------- | :-------------- | :------------- | :-------- | :------- | :---------------------- | :--------------------- |
| RB0807-2R2K-RC | 2.2 | 10 | 13.1 | 0.12 | 0.11 | 0.16 |
| RB0807-2R7K-RC | 2.7 | 10 | | 0.12 | | |
| RB0807-3R3K-RC | 3.3 | 10 | | 0.12 | | |
| RB0807-3R9K-RC | 3.9 | 10 | | 0.12 | | |
| RB0807-4R7K-RC | 4.7 | 10 | | 0.12 | | |
| RB0807-5R6K-RC | 5.6 | 10 | | 0.12 | | |
| RB0807-6R8K-RC | 6.8 | 10 | | 0.12 | | |
| RB0807-8R2K-RC | 8.2 | 10 | | 0.12 | | |
| RB0807-100K-RC| 100 | 10 | | 0.12 | | |
| RB0807-120K-RC| 120 | 10 | | 0.12 | | |
| RB0807-150K-RC| 150 | 10 | | 0.12 | | |
| RB0807-180K-RC| 180 | 10 | | 0.12 | | |
| RB0807-392K-RC| 3900 | 10 | 56.0 | 0.05 | 0.08 | 0.10 |
| RB0807-472K-RC| 4700 | 10 | | 0.10 | | |
| RB0807-562K-RC| 5600 | 10 | | 0.10 | | |
| RB0807-682K-RC| 6800 | 10 | | 0.10 | | |
| RB0807-822K-RC| 8200 | 10 | | 0.10 | | |
| RB0807-103K-RC| 10000 | 10 | | 0.10 | | |
| RB0807-123K-RC| 12000 | 10 | | 0.08 | | |
| RB0807-153K-RC| 15000 | 10 | | 0.06 | | |
| RB0807-183K-RC| 18000 | 10 | 56.0 | 0.05 | 0.08 | 0.10 |
Part No. | RB0807-2R2K-RC |
Manufacturer | ALLIED |
Size | 383 Kbytes |
Pages | 1 page |
Description | Radial Bobbin Inductors |