Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF8563 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PCF8563 Datasheet

  • Example questions:
    1. What is the maximum bus speed for the PCF8563 real-time clock/calendar?
    2. What are some of the features of the PCF8563 real-time clock/calendar?
    3. In which applications can the PCF8563 real-time clock/calendar be used?

  • Part No.PCF8563
    ManufacturerNXP
    Size175 Kbytes
    Pages32 pages
    DescriptionReal-time clock/calendar
    Datasheet Summary with AI

    The PCF8563 is a CMOS real-time clock/calendar with low power consumption, featuring a 32.768 kHz quartz crystal and operating voltage of 1.8 V to 5.5 V.
    It has a 400 kHz two-wire I2C-bus interface and provides year, month, day, weekday, hours, minutes, and seconds.
    It also includes alarm and timer functions, a voltage-low detector, and ESD protection.
    The device has various package options and pin configurations.
    The clock/calendar contains sixteen 8-bit registers with an auto-incrementing address register, an on-chip oscillator, a frequency divider, a programmable clock output, a timer, an alarm, and a 400 kHz I2C-bus interface.
    The device also includes a voltage-low detector and a reset circuit.
    The clock output is programmable and a square wave is available at the CLKOUT pin.
    The PCF8563 also includes a voltage-low detector and various control and status registers.

    Datasheet Summary with AI

    The PCF8563 is a CMOS real-time clock/calendar with low power consumption, featuring a 32.768 kHz quartz crystal and operating voltage of 1.8 V to 5.5 V.
    It has a 400 kHz two-wire I2C-bus interface and provides year, month, day, weekday, hours, minutes, and seconds.
    It also includes alarm and timer functions, a voltage-low detector, and ESD protection.
    The device has various package options and pin configurations.
    The clock/calendar contains sixteen 8-bit registers with an auto-incrementing address register, an on-chip oscillator, a frequency divider, a programmable clock output, a timer, an alarm, and a 400 kHz I2C-bus interface.
    The device also includes a voltage-low detector and a reset circuit.
    The clock output is programmable and a square wave is available at the CLKOUT pin.
    The PCF8563 also includes a voltage-low detector and various control and status registers.

    Part No.PCF8563
    ManufacturerNXP
    Size175 Kbytes
    Pages32 pages
    DescriptionReal-time clock/calendar