| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 26-002.125-171PTLHT Datasheet
# Example questions:
➢ What is the minimum and maximum operating temperature for these flat pin stacked flex jumpers?
➢ What is the cable current rating for these jumpers?
➢ What lead sizes are accepted by the female housing for a secure connection?
# Series 171 thru 173: Flat Pin Staked Flex Jumpers
## Features
· Combine thin, flexible solid Copper conductors between layers of flame-retardant insulation.
· Custom designs, materials, platings, sizes, and configurations are available.
· Consult factory for cable lengths under 2.000 [50.80].
· See DataSheet 11019 for 90° Pin Staked Flex Jumpers.
· RoHS applications utilize HT Cable for Lead-Free Soldering.
## General Specifications
· Cable Insulation:
- Standard: White UL VW-1, Style 2643 flame retardant Polyester (Mylar) adhesive.
- High Temperature: Polyimide (Kapton) insulation with acrylic adhesive.
· Cable Conductor: Solid Copper, equivalent to 26 gauge AWG.
· Female Housing: Black UL 94V-0 Glass-filled Stanyl 4/6 Nylon.
· Crimp-on Pins: Spring-tempered Copper Alloy 510.
· Pin Plating Options:
- T: Matte Tin over Nickel.
- TL: Tin/Lead over Nickel.
· Electrical Ratings:
- Current: 3 Amps.
- Voltage: 300 Volts.
- Dielectric Strength: 2500-4000 Volts/mil.
- Insulation Resistance: 1000-100,000 MOhms.
· Operating Temperature: -67 to 257°F [-55 to 105°C].
· Lead Acceptance: Accepts .024-.030 [.61-.76] square leads, .150 [3.81] long minimum.
· Suggested PCB Hole Size: .032 ± .002 [.81 ± .05] dia.
## Ordering Information
· Jumper Series:
- 171: Male Tin both ends
- 172: Male Tin/Female Tin
- 173: Female Tin both ends
· Optional Suffixes:
- HT: High temperature cable insulation
- TL: Tin/Lead plating
- P: Polarization stripe on cable
## Dimensions and Cable Length
· "A" = (Number of Conductors) x .100 [2.54]
· “B”=(NO. OF CONDUCTORS -1) X .100 [2.54]
· Cable Length "L": ± .125
# Series 171 thru 173: Flat Pin Staked Flex Jumpers
## Features
· Combine thin, flexible solid Copper conductors between layers of flame-retardant insulation.
· Custom designs, materials, platings, sizes, and configurations are available.
· Consult factory for cable lengths under 2.000 [50.80].
· See DataSheet 11019 for 90° Pin Staked Flex Jumpers.
· RoHS applications utilize HT Cable for Lead-Free Soldering.
## General Specifications
· Cable Insulation:
- Standard: White UL VW-1, Style 2643 flame retardant Polyester (Mylar) adhesive.
- High Temperature: Polyimide (Kapton) insulation with acrylic adhesive.
· Cable Conductor: Solid Copper, equivalent to 26 gauge AWG.
· Female Housing: Black UL 94V-0 Glass-filled Stanyl 4/6 Nylon.
· Crimp-on Pins: Spring-tempered Copper Alloy 510.
· Pin Plating Options:
- T: Matte Tin over Nickel.
- TL: Tin/Lead over Nickel.
· Electrical Ratings:
- Current: 3 Amps.
- Voltage: 300 Volts.
- Dielectric Strength: 2500-4000 Volts/mil.
- Insulation Resistance: 1000-100,000 MOhms.
· Operating Temperature: -67 to 257°F [-55 to 105°C].
· Lead Acceptance: Accepts .024-.030 [.61-.76] square leads, .150 [3.81] long minimum.
· Suggested PCB Hole Size: .032 ± .002 [.81 ± .05] dia.
## Ordering Information
· Jumper Series:
- 171: Male Tin both ends
- 172: Male Tin/Female Tin
- 173: Female Tin both ends
· Optional Suffixes:
- HT: High temperature cable insulation
- TL: Tin/Lead plating
- P: Polarization stripe on cable
## Dimensions and Cable Length
· "A" = (Number of Conductors) x .100 [2.54]
· “B”=(NO. OF CONDUCTORS -1) X .100 [2.54]
· Cable Length "L": ± .125
| Part No. | 26-002.125-171PTLHT |
| Manufacturer | ARIES |
| Size | 248 Kbytes |
| Pages | 2 pages |
| Description | Flat Pin Staked Flex Jumpers |