![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 8-002.125-173PTLHT Datasheet
Example questions:
1. What is the standard cable insulation material used for Aries Flat Pin Staked Flex Jumpers?
2. What is the cable current rating for the Aries Flat Pin Staked Flex Jumpers?
3. How many conductors are available for ordering in the jumper series 171 through 173?
# Series 171-173 Flat Pin Staked Flex Jumpers
## General Features
- Combination of thin, flexible solid Copper conductors between layers of flame-retardant insulation.
- Custom designs, materials, platings, sizes, and configurations are available upon request.
- Aries reserves the right to change product specifications.
## Specifications
### Cable Details
- **Insulation:**
- Standard: White UL VW-1, Style 2643 Polyester (Mylar) adhesive.
- High Temperature: Polyimide (Kapton) insulation with acrylic adhesive.
- **Conductor:** Solid Copper, 26 gauge AWG equivalent.
- **Housing:** Black UL 94V-0 Glass-filled Stanyl 4/6 Nylon.
- **Pins:** Spring-tempered Copper Alloy 510.
- **Plating Options:**
- T: Matte Tin per ASTM-B545-97 over Nickel.
- TL: Tin/Lead per SAE-AMS-P-81728 over Nickel.
- **Current Rating:** 3 Amps
- **Voltage Rating:** 300 Volts
- **Dielectric Strength:** 2500 Volts/mil (standard), 4000 Volts/mil (high temp).
- **Insulation Resistance:** 1000 MOhms (standard), 100,000 MOhms (high temp).
- **Operating Temperature:** -67 to 257°F [-55 to 105°C]
## Ordering Information
- **Number of Conductors:** 4-40
- **Cable Length “L”:** Minimum 2.00 inches.
- 2" = -002-
- 2.5" = -002.5-
- 2.25" = -002.25-
- 2.125" = -002.125-
- **Jumper Series:**
- 171: Male Tin both ends
- 172: Male Tin/Female Tin
- 173: Female Tin both ends
- **Optional Suffixes:**
- P: Polarization stripe along one cable edge.
- TL: Tin/Lead plating.
- HT: High temperature cable insulation.
## Dimensions
- “A”: Number of Conductors x .100 [2.54]
- “B”: (Number of Conductors - 7) x .100 [2.54]
- Suggested PCB hole size: .032 ± .002 [.81 ± .05] diameter.
Part No. | 8-002.125-173PTLHT |
Manufacturer | ARIES |
Size | 248 Kbytes |
Pages | 2 pages |
Description | Flat Pin Staked Flex Jumpers |