Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6-002.25-171PTLHT Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 6-002.25-171PTLHT Datasheet

  • # Example questions: ➢ What is the minimum and maximum operating temperature for these flat pin stacked flex jumpers?
    ➢ What is the cable current rating for these jumpers?
    ➢ What lead sizes are accepted by the female housing for a secure connection?

  • Part No.6-002.25-171PTLHT
    ManufacturerARIES
    Size248 Kbytes
    Pages2 pages
    DescriptionFlat Pin Staked Flex Jumpers
    Datasheet Summary with AI

    # Series 171 thru 173: Flat Pin Staked Flex Jumpers

    ## Features

    · Combine thin, flexible solid Copper conductors between layers of flame-retardant insulation.
    · Custom designs, materials, platings, sizes, and configurations are available.
    · Consult factory for cable lengths under 2.000 [50.80].
    · See DataSheet 11019 for 90° Pin Staked Flex Jumpers.
    · RoHS applications utilize HT Cable for Lead-Free Soldering.

    ## General Specifications

    · Cable Insulation:
    - Standard: White UL VW-1, Style 2643 flame retardant Polyester (Mylar) adhesive.
    - High Temperature: Polyimide (Kapton) insulation with acrylic adhesive.
    · Cable Conductor: Solid Copper, equivalent to 26 gauge AWG.
    · Female Housing: Black UL 94V-0 Glass-filled Stanyl 4/6 Nylon.
    · Crimp-on Pins: Spring-tempered Copper Alloy 510.
    · Pin Plating Options:
    - T: Matte Tin over Nickel.
    - TL: Tin/Lead over Nickel.
    · Electrical Ratings:
    - Current: 3 Amps.
    - Voltage: 300 Volts.
    - Dielectric Strength: 2500-4000 Volts/mil.
    - Insulation Resistance: 1000-100,000 MOhms.
    · Operating Temperature: -67 to 257°F [-55 to 105°C].
    · Lead Acceptance: Accepts .024-.030 [.61-.76] square leads, .150 [3.81] long minimum.
    · Suggested PCB Hole Size: .032 ± .002 [.81 ± .05] dia.

    ## Ordering Information

    · Jumper Series:
    - 171: Male Tin both ends
    - 172: Male Tin/Female Tin
    - 173: Female Tin both ends
    · Optional Suffixes:
    - HT: High temperature cable insulation
    - TL: Tin/Lead plating
    - P: Polarization stripe on cable

    ## Dimensions and Cable Length

    · "A" = (Number of Conductors) x .100 [2.54]
    · “B”=(NO. OF CONDUCTORS -1) X .100 [2.54]
    · Cable Length "L": ± .125

    # Series 171 thru 173: Flat Pin Staked Flex Jumpers

    ## Features

    · Combine thin, flexible solid Copper conductors between layers of flame-retardant insulation.
    · Custom designs, materials, platings, sizes, and configurations are available.
    · Consult factory for cable lengths under 2.000 [50.80].
    · See DataSheet 11019 for 90° Pin Staked Flex Jumpers.
    · RoHS applications utilize HT Cable for Lead-Free Soldering.

    ## General Specifications

    · Cable Insulation:
    - Standard: White UL VW-1, Style 2643 flame retardant Polyester (Mylar) adhesive.
    - High Temperature: Polyimide (Kapton) insulation with acrylic adhesive.
    · Cable Conductor: Solid Copper, equivalent to 26 gauge AWG.
    · Female Housing: Black UL 94V-0 Glass-filled Stanyl 4/6 Nylon.
    · Crimp-on Pins: Spring-tempered Copper Alloy 510.
    · Pin Plating Options:
    - T: Matte Tin over Nickel.
    - TL: Tin/Lead over Nickel.
    · Electrical Ratings:
    - Current: 3 Amps.
    - Voltage: 300 Volts.
    - Dielectric Strength: 2500-4000 Volts/mil.
    - Insulation Resistance: 1000-100,000 MOhms.
    · Operating Temperature: -67 to 257°F [-55 to 105°C].
    · Lead Acceptance: Accepts .024-.030 [.61-.76] square leads, .150 [3.81] long minimum.
    · Suggested PCB Hole Size: .032 ± .002 [.81 ± .05] dia.

    ## Ordering Information

    · Jumper Series:
    - 171: Male Tin both ends
    - 172: Male Tin/Female Tin
    - 173: Female Tin both ends
    · Optional Suffixes:
    - HT: High temperature cable insulation
    - TL: Tin/Lead plating
    - P: Polarization stripe on cable

    ## Dimensions and Cable Length

    · "A" = (Number of Conductors) x .100 [2.54]
    · “B”=(NO. OF CONDUCTORS -1) X .100 [2.54]
    · Cable Length "L": ± .125

    Part No.6-002.25-171PTLHT
    ManufacturerARIES
    Size248 Kbytes
    Pages2 pages
    DescriptionFlat Pin Staked Flex Jumpers