| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PER-C10L Datasheet
# Example questions:
➢ What are the supported data rates for the mini pci usb 0 module?
➢ Which controller is used in the per-c10l-a10-01 ethernet module?
➢ What is the operating temperature range for both the usb and ethernet modules?
# Mini PCI Modules
## USB 2.0 Modules
### Specifications (PER-C20U-A10)
· Form Factor: Mini PCI Type III, 2” x 2.35” (50.8mm x 59.6mm)
· Controller: NEC µD720101
· Function: Provides four USB 2.0 ports; supports USB 2.0 & USB 1.1 devices
· Speed: Supports 480Mbps, 12Mbps, and 1.5Mbps data rates
· Power Requirement: +5V, +3.3V DC
· Operating Temperature: 32ºF ~ 140ºF (0ºC ~ 60ºC)
### Ordering Information
· PER-C20U-A10: Mini PCI Four USB 2.0 Ports Module with NEC D720101
## Ethernet Modules
### Specifications (PER-C10L-A10 Series)
· Form Factor: Mini PCI Type III, 2” x 2.35” (50.8mm x 59.6mm)
· Controllers:
* Intel® 82551QM / Realtek 8100C (for 10/100 Base-TX)
* Intel® 82541GI / Realtek 8110S (for 10/100/1000 Base-TX)
· Speed: Supports 10Mbps/100Mbps/1000Mbps, auto-negotiation
· Function: IEEE 802.3x flow control, IEEE 802.1Q Virtual LAN, Wake-on-LAN
· Power Requirement: ACPI and PCI Power Management
· Operating Temperature: 32ºF ~ 140ºF (0ºC ~ 60ºC)
### Ordering Information
· PER-C10L-A10: Mini PCI 10/100 Base-TX Ethernet Module with Realtek 8100C
· PER-C10L-A10-01: Mini PCI 10/100/1000 Base-TX Ethernet Module with Realtek 8110S
· PER-C10L-A10-02: Mini PCI 10/100 Base-TX Ethernet Module with Intel® 82551QM
· PER-C10L-A10-03: Mini PCI 10/100/1000 Base-TX Ethernet Module with Intel® 82541GI
Note: Specifications are subject to change without notice.
# Mini PCI Modules
## USB 2.0 Modules
### Specifications (PER-C20U-A10)
· Form Factor: Mini PCI Type III, 2” x 2.35” (50.8mm x 59.6mm)
· Controller: NEC µD720101
· Function: Provides four USB 2.0 ports; supports USB 2.0 & USB 1.1 devices
· Speed: Supports 480Mbps, 12Mbps, and 1.5Mbps data rates
· Power Requirement: +5V, +3.3V DC
· Operating Temperature: 32ºF ~ 140ºF (0ºC ~ 60ºC)
### Ordering Information
· PER-C20U-A10: Mini PCI Four USB 2.0 Ports Module with NEC D720101
## Ethernet Modules
### Specifications (PER-C10L-A10 Series)
· Form Factor: Mini PCI Type III, 2” x 2.35” (50.8mm x 59.6mm)
· Controllers:
* Intel® 82551QM / Realtek 8100C (for 10/100 Base-TX)
* Intel® 82541GI / Realtek 8110S (for 10/100/1000 Base-TX)
· Speed: Supports 10Mbps/100Mbps/1000Mbps, auto-negotiation
· Function: IEEE 802.3x flow control, IEEE 802.1Q Virtual LAN, Wake-on-LAN
· Power Requirement: ACPI and PCI Power Management
· Operating Temperature: 32ºF ~ 140ºF (0ºC ~ 60ºC)
### Ordering Information
· PER-C10L-A10: Mini PCI 10/100 Base-TX Ethernet Module with Realtek 8100C
· PER-C10L-A10-01: Mini PCI 10/100/1000 Base-TX Ethernet Module with Realtek 8110S
· PER-C10L-A10-02: Mini PCI 10/100 Base-TX Ethernet Module with Intel® 82551QM
· PER-C10L-A10-03: Mini PCI 10/100/1000 Base-TX Ethernet Module with Intel® 82541GI
Note: Specifications are subject to change without notice.
| Part No. | PER-C10L |
| Manufacturer | AAEON |
| Size | 286 Kbytes |
| Pages | 1 page |
| Description | Mini PCI USB 2.0 Module |
| Privacy Policy |
| ALLDATASHEET.COM |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |