Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCI-1721 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PCI-1721 Datasheet

  • # Example questions: ➢ What type of connector is used for i/o on the pci-1721 card?
    ➢ What is the voltage range for the external reference when using the ±x v output setting?
    ➢ What is the maximum digital update rate supported by the pci-1721 card?

  • Part No.PCI-1721
    ManufacturerADVANTECH
    Size590 Kbytes
    Pages1 page
    Description12-bit, 4-ch Analog Output PCI Card with 16-ch Digital I/O
    Datasheet Summary with AI

    # PCI 1721: 12-bit, 4-ch Analog Output PCI Card with 16-ch Digital I/O

    ## Features

    · 10 MHz maximum digital update rate
    · PCI-bus mastering for data transfer
    · Auto calibration function
    · Four analog output channels with 1,024 samples FIFO buffer
    · 12-bit DAC per analog output channel
    · Real-time waveform output (10 MHz max.) with internal/external pacer
    · Synchronized output function
    · Flexible output types and range settings
    · Retains output settings after hot reset
    · 16-ch digital I/O channels
    · 10 MHz, 16-bit resolution counter
    · BoardID™ switch

    ## Introduction

    PCI-1721 is an advanced, high-speed analog output card for the PCI bus, featuring 12-bit, double-buffered DACs per channel. It’s ideal for industrial applications needing high-speed continuous or real-time waveform output.

    ## Specifications

    ### Analog Output

    · Channels: 4
    · Resolution: 12 bits
    · FIFO Size: 1,024 samples
    · Output Rate: 10 MHz or static update
    · Reference Clock: Internal: 10 MHz, External: 10 MHz max.
    · Output Range (Software Programmable):
    - Internal Reference:
    - Unipolar: 0 ~ 5 V, 0 ~ 10 V
    - Bipolar: ±5 V, ±10 V
    - Current Loop: 0 ~ 20 mA, 4 ~ 20 mA
    - External Reference: 0 ~ +x V @ +x V (-10≤ x≤ 10), -x ~ +x V @ +x V (-10≤ x≤ 10)
    · Slew Rate: 10 V/µs
    · Driving Capability: 10 mA
    · Output Impedance: 0.1 W max.
    · Operation Modes: Single/continuous/waveform/synchronized output
    · Accuracy: Relative: ±1 LSB, Differential Non-linearity: ±1 LSB (monotonic)

    ### Counter/Timer

    · Channels: 1
    · Resolution: 16 bits
    · Compatibility: 5 V/TTL
    · Max. Input Frequency: 9.6 MHz
    · Reference Clock: Internal: 10 MHz, External: 10 MHz max.

    ### Digital Input/Output

    · Channels: 16 (shared)
    · Compatibility: 5 V/TTL
    · Input Voltage: Logic 0: 0.8 V max., Logic 1: 2.0 V min.
    · Output Capability: Sink: 0.5 V @ 24 mA, Source: 2.0 V @ -15 mA

    ### General

    · Bus Type: PCI V2.2
    · I/O Connectors: 1 x 68-pin SCSI female connector
    · Dimensions: 175 x 100 mm (6.9" x 3.9")
    · Power Consumption: Typical: +5 V @ 850 mA, +12 V @ 600 mA, Max: +5 V @ 1 A, +12 V @ 700 mA
    · Operating Temperature: 0 ~ 60° C (32 ~ 140° F)
    · Storage Temperature: -20 ~ 85° C (-4 ~ 185° F)
    · Storage Humidity: 5 ~ 95% RH (non-condensing)
    · Certifications: FCC, CE

    ## Ordering Information

    · PCI-1721: 12-bit, 4-ch Advanced PCI Analog Output Card
    · PCL-10168-1: 68-pin SCSI Shielded Cable, 1 m
    · PCL-10168-2: 68-pin SCSI Shielded Cable, 2 m
    · ADAM-3968: 68-pin DIN-rail SCSI Wiring Board

    # PCI 1721: 12-bit, 4-ch Analog Output PCI Card with 16-ch Digital I/O

    ## Features

    · 10 MHz maximum digital update rate
    · PCI-bus mastering for data transfer
    · Auto calibration function
    · Four analog output channels with 1,024 samples FIFO buffer
    · 12-bit DAC per analog output channel
    · Real-time waveform output (10 MHz max.) with internal/external pacer
    · Synchronized output function
    · Flexible output types and range settings
    · Retains output settings after hot reset
    · 16-ch digital I/O channels
    · 10 MHz, 16-bit resolution counter
    · BoardID™ switch

    ## Introduction

    PCI-1721 is an advanced, high-speed analog output card for the PCI bus, featuring 12-bit, double-buffered DACs per channel. It’s ideal for industrial applications needing high-speed continuous or real-time waveform output.

    ## Specifications

    ### Analog Output

    · Channels: 4
    · Resolution: 12 bits
    · FIFO Size: 1,024 samples
    · Output Rate: 10 MHz or static update
    · Reference Clock: Internal: 10 MHz, External: 10 MHz max.
    · Output Range (Software Programmable):
    - Internal Reference:
    - Unipolar: 0 ~ 5 V, 0 ~ 10 V
    - Bipolar: ±5 V, ±10 V
    - Current Loop: 0 ~ 20 mA, 4 ~ 20 mA
    - External Reference: 0 ~ +x V @ +x V (-10≤ x≤ 10), -x ~ +x V @ +x V (-10≤ x≤ 10)
    · Slew Rate: 10 V/µs
    · Driving Capability: 10 mA
    · Output Impedance: 0.1 W max.
    · Operation Modes: Single/continuous/waveform/synchronized output
    · Accuracy: Relative: ±1 LSB, Differential Non-linearity: ±1 LSB (monotonic)

    ### Counter/Timer

    · Channels: 1
    · Resolution: 16 bits
    · Compatibility: 5 V/TTL
    · Max. Input Frequency: 9.6 MHz
    · Reference Clock: Internal: 10 MHz, External: 10 MHz max.

    ### Digital Input/Output

    · Channels: 16 (shared)
    · Compatibility: 5 V/TTL
    · Input Voltage: Logic 0: 0.8 V max., Logic 1: 2.0 V min.
    · Output Capability: Sink: 0.5 V @ 24 mA, Source: 2.0 V @ -15 mA

    ### General

    · Bus Type: PCI V2.2
    · I/O Connectors: 1 x 68-pin SCSI female connector
    · Dimensions: 175 x 100 mm (6.9" x 3.9")
    · Power Consumption: Typical: +5 V @ 850 mA, +12 V @ 600 mA, Max: +5 V @ 1 A, +12 V @ 700 mA
    · Operating Temperature: 0 ~ 60° C (32 ~ 140° F)
    · Storage Temperature: -20 ~ 85° C (-4 ~ 185° F)
    · Storage Humidity: 5 ~ 95% RH (non-condensing)
    · Certifications: FCC, CE

    ## Ordering Information

    · PCI-1721: 12-bit, 4-ch Advanced PCI Analog Output Card
    · PCL-10168-1: 68-pin SCSI Shielded Cable, 1 m
    · PCL-10168-2: 68-pin SCSI Shielded Cable, 2 m
    · ADAM-3968: 68-pin DIN-rail SCSI Wiring Board

    Part No.PCI-1721
    ManufacturerADVANTECH
    Size590 Kbytes
    Pages1 page
    Description12-bit, 4-ch Analog Output PCI Card with 16-ch Digital I/O
    Privacy Policy
    ALLDATASHEET.COM
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Datasheet Upload   |  Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List