Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7171 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AD7171 Datasheet

  • Example questions: 1. What is the output data rate of the AD7171 ADC mentioned in the document?
    2. How much current does the AD7171 ADC consume?
    3. What is the resolution of the AD7171 ADC in bits?

  • Part No.AD7171
    ManufacturerAD
    Size284 Kbytes
    Pages16 pages
    Description16-Bit Low Power Sigma-Delta ADC
    Datasheet Summary with AI

    The AD7171 is a 16-bit low power sigma-delta analog-to-digital converter (ADC) designed for portable or battery-operated products.
    It has a power-down mode to conserve energy and a pin-programmable interface for ease of use.
    The ADC operates with a power supply from 2.7V to 5.25V and has an output data rate of 125Hz.
    It also features a differential input, internal clock oscillator, and a settling time of 24ms.
    The device is available in a 10-lead LFCSP package and is pin-for-pin compatible with the 12-bit version, AD7170.
    The specifications, timing characteristics, and typical performance characteristics of the AD7171 are also provided in the document.

    Datasheet Summary with AI

    The AD7171 is a 16-bit low power sigma-delta analog-to-digital converter (ADC) designed for portable or battery-operated products.
    It has a power-down mode to conserve energy and a pin-programmable interface for ease of use.
    The ADC operates with a power supply from 2.7V to 5.25V and has an output data rate of 125Hz.
    It also features a differential input, internal clock oscillator, and a settling time of 24ms.
    The device is available in a 10-lead LFCSP package and is pin-for-pin compatible with the 12-bit version, AD7170.
    The specifications, timing characteristics, and typical performance characteristics of the AD7171 are also provided in the document.

    Part No.AD7171
    ManufacturerAD
    Size284 Kbytes
    Pages16 pages
    Description16-Bit Low Power Sigma-Delta ADC