Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JXWBLA-S-10-500-29 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about JXWBLA-S-10-500-29 Datasheet

  • # Example questions: ➢ What power supply voltages are supported by the jxwbla-s-10-500-20 amplifier?
    ➢ For the jxw bla-s-400-2500-12 model, what is the specified vswr?
    ➢ What is the minimum operating temperature specified for these amplifier components?

  • Part No.JXWBLA-S-10-500-29
    ManufacturerAAC
    Size63 Kbytes
    Pages1 page
    DescriptionWideband Amplifiers 10 to 2500MHz
    Datasheet Summary with AI

    # Amplifier Specifications

    ## Wideband Amplifiers (10-2500MHz)

    · Models: JXW BLA-S-10-500-29, JXW BLA-S-10-1000-25-1, JXW BLA-S-10-1000-25-2, JXW BLA-S-250-650-14, JXW BLA-S-400-2500-12
    · Frequency Range: 10-500 MHz, 10-1000 MHz, 400-2500 MHz
    · Gain: 29 dB, 25 dB, 12 dB, 14 dB
    · Noise Figure: 2.5 dB, 2.8 dB, 3.5 dB, 3.0 dB
    · Pout @ 1dB: 10 dBm, 8 dBm, 20 dBm, 20 dBm
    · VSWR: 2.5:1, 2.5:1, 3:1
    · Power Supply: +9 or +12 V, +9 or +12 V, +9 or +12 V
    · Operating Temperature: -40°C to +70°C
    · Storage Temperature: -55°C to +80°C

    ## Wideband Low Noise Amplifiers (10-1500MHz)

    · Models: JXWBLA-S-10-500-20, JXWBLA-S-500-1000-20, JXWBLA-S-1000-1500-17
    · Frequency Range: 10-500 MHz, 500-1000 MHz, 1000-1500 MHz
    · Gain: 20 dB, 20 dB, 17 dB
    · Noise Figure: 1.5 dB, 1.8 dB, 2 dB

    · Pout @ 1dB: 20 dBm, 20 dBm, 20 dBm
    · VSWR: 2:1, 2:1, 2:1
    · Power Supply: +12 V
    · Operating Temperature: -40°C to +70°C
    · Storage Temperature: -55°C to +80°C

    ## Narrowband Low Noise Amplifiers (800-2500MHz)

    · Models: JXW BLA-S-800-1000-28-1, JXW BLA-S-1000-1200-28, JXW BLA-S-1200-1400-28, JXW BLA-S-1400-1600-28, JXW BLA-S-1600-1800-28, JXW BLA-S-800-1000-28-2, JXW BLA-S-1000-1200-26, JXW BLA-S-1200-1400-26, JXW BLA-S-1400-1600-15, JXW BLA-S-1600-1800-15, JXW BLA-S-1700-2000-15, JXW BLA-S-2200-2500-14
    · Frequency Range: Various ranges between 800-2500 MHz
    · Gain: Various gain values between 14dB and 28dB
    · Noise Figure: Values between 1.2dB and 2dB
    · Pout @ 1dB: Values between 13dBm and 15 dBm
    · VSWR: Varies between 1.8:1 and 1.2:1
    · Power Supply: Varies between +5 or +12 V
    · Operating Temperature: -40°C to +70°C
    · Storage Temperature: -55°C to +80°C
    · Custom Designs Available

    # Amplifier Specifications

    ## Wideband Amplifiers (10-2500MHz)

    · Models: JXW BLA-S-10-500-29, JXW BLA-S-10-1000-25-1, JXW BLA-S-10-1000-25-2, JXW BLA-S-250-650-14, JXW BLA-S-400-2500-12
    · Frequency Range: 10-500 MHz, 10-1000 MHz, 400-2500 MHz
    · Gain: 29 dB, 25 dB, 12 dB, 14 dB
    · Noise Figure: 2.5 dB, 2.8 dB, 3.5 dB, 3.0 dB
    · Pout @ 1dB: 10 dBm, 8 dBm, 20 dBm, 20 dBm
    · VSWR: 2.5:1, 2.5:1, 3:1
    · Power Supply: +9 or +12 V, +9 or +12 V, +9 or +12 V
    · Operating Temperature: -40°C to +70°C
    · Storage Temperature: -55°C to +80°C

    ## Wideband Low Noise Amplifiers (10-1500MHz)

    · Models: JXWBLA-S-10-500-20, JXWBLA-S-500-1000-20, JXWBLA-S-1000-1500-17
    · Frequency Range: 10-500 MHz, 500-1000 MHz, 1000-1500 MHz
    · Gain: 20 dB, 20 dB, 17 dB
    · Noise Figure: 1.5 dB, 1.8 dB, 2 dB
    · Pout @ 1dB: 20 dBm, 20 dBm, 20 dBm
    · VSWR: 2:1, 2:1, 2:1
    · Power Supply: +12 V
    · Operating Temperature: -40°C to +70°C
    · Storage Temperature: -55°C to +80°C

    ## Narrowband Low Noise Amplifiers (800-2500MHz)

    · Models: JXW BLA-S-800-1000-28-1, JXW BLA-S-1000-1200-28, JXW BLA-S-1200-1400-28, JXW BLA-S-1400-1600-28, JXW BLA-S-1600-1800-28, JXW BLA-S-800-1000-28-2, JXW BLA-S-1000-1200-26, JXW BLA-S-1200-1400-26, JXW BLA-S-1400-1600-15, JXW BLA-S-1600-1800-15, JXW BLA-S-1700-2000-15, JXW BLA-S-2200-2500-14
    · Frequency Range: Various ranges between 800-2500 MHz
    · Gain: Various gain values between 14dB and 28dB
    · Noise Figure: Values between 1.2dB and 2dB
    · Pout @ 1dB: Values between 13dBm and 15 dBm
    · VSWR: Varies between 1.8:1 and 1.2:1
    · Power Supply: Varies between +5 or +12 V
    · Operating Temperature: -40°C to +70°C
    · Storage Temperature: -55°C to +80°C
    · Custom Designs Available

    Part No.JXWBLA-S-10-500-29
    ManufacturerAAC
    Size63 Kbytes
    Pages1 page
    DescriptionWideband Amplifiers 10 to 2500MHz
    Privacy Policy
    ALLDATASHEET.COM
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Datasheet Upload   |  Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List