Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP3008T Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MCP3008T Datasheet

  • Example questions: 1. What is the maximum sampling rate of the MCP3004/3008 at a supply voltage of VDD=5V?
    2. How many input channels does the MCP3004 have compared to the MCP3008?
    3. What is the typical standby current for the MCP3004/3008 devices?

  • Part No.MCP3008T
    ManufacturerMICROCHIP
    Size777 Kbytes
    Pages40 pages
    Description2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI Serial Interface
    Datasheet Summary with AI

    The MCP3004/3008 is a 10-bit Analog-to-Digital (A/D) converter with on-board sample and hold circuitry.
    It has 4 (MCP3004) or 8 (MCP3008) input channels and can be programmed to provide single-ended or pseudo-differential input pairs.
    It operates with a single supply voltage of 2.7V - 5.5V and has a maximum sampling rate of 200 ksps.
    The device has low power consumption, with a typical standby current of 5 nA and a maximum active current of 500 µA at 5V.
    It is suitable for applications such as sensor interface, process control, data acquisition, and battery-operated systems.
    The device is available in PDIP, SOIC, and TSSOP packages.
    The electrical characteristics, temperature characteristics, and typical performance characteristics are also provided in the document.

    Datasheet Summary with AI

    The MCP3004/3008 is a 10-bit Analog-to-Digital (A/D) converter with on-board sample and hold circuitry.
    It has 4 (MCP3004) or 8 (MCP3008) input channels and can be programmed to provide single-ended or pseudo-differential input pairs.
    It operates with a single supply voltage of 2.7V - 5.5V and has a maximum sampling rate of 200 ksps.
    The device has low power consumption, with a typical standby current of 5 nA and a maximum active current of 500 µA at 5V.
    It is suitable for applications such as sensor interface, process control, data acquisition, and battery-operated systems.
    The device is available in PDIP, SOIC, and TSSOP packages.
    The electrical characteristics, temperature characteristics, and typical performance characteristics are also provided in the document.

    Part No.MCP3008T
    ManufacturerMICROCHIP
    Size777 Kbytes
    Pages40 pages
    Description2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI Serial Interface