![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MCP3201_08 Datasheet
Example questions:
1. What is the maximum sampling rate of the MCP3201 device at a voltage supply of 5V?
2. What is the standby current of the MCP3201 device in typical conditions?
3. What type of interface is used for communication with the MCP3201 device?
The MCP3201 is a 12-bit Analog-to-Digital Converter with on-board sample and hold circuitry.
It features a single pseudo-differential input, ±1 LSB max DNL, and ±1 LSB max INL (MCP3201-B) or ±2 LSB max INL (MCP3201-C).
It has a SPI serial interface, operates on a single supply of 2.7V - 5.5V, and has a maximum sampling rate of 100 ksps at VDD = 5V or 50 ksps at VDD = 2.7V.
The device has low power consumption, with a typical standby current of 500 nA and a maximum active current of 400 µA at 5V.
It is designed for applications such as sensor interface, process control, data acquisition, and battery-operated systems.
The MCP3201 is available in 8-pin MSOP, PDIP, SOIC, and TSSOP packages.
The device also has various electrical characteristics and performance characteristics, including integral nonlinearity (INL) and differential nonlinearity (DNL) vs.
sample rate, temperature, and VREF.
Part No. | MCP3201_08 |
Manufacturer | MICROCHIP |
Size | 713 Kbytes |
Pages | 36 pages |
Description | 2.7V 12-Bit A/D Converter with SPI Serial Interface |