Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP3202_08 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MCP3202_08 Datasheet

  • Example questions: 1. What is the maximum sampling rate of the MCP3202 at a supply voltage of 5V?
    2. What is the standby current of the MCP3202 in typical conditions?
    3. What are the possible package types in which the MCP3202 is offered?

  • Part No.MCP3202_08
    ManufacturerMICROCHIP
    Size606 Kbytes
    Pages32 pages
    Description2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
    Datasheet Summary with AI

    The MCP3202 is a 12-bit Analog-to-Digital Converter with on-board sample and hold circuitry.
    It has a programmable single pseudo-differential input pair or dual single-ended inputs.
    It has a maximum sampling rate of 100 ksps at 5V and 50 ksps at 2.7V, and operates over a voltage range of 2.7V to 5.5V.
    The device has low power consumption with a standby current of 500nA and an active current of 550µA at 5V.
    It is offered in 8-pin MSOP, PDIP, TSSOP, and 150 mil SOIC packages.
    The MCP3202 is suitable for applications such as sensor interface, process control, data acquisition, and battery-operated systems.
    The device also has various electrical characteristics and performance characteristics, including integral nonlinearity (INL) and differential nonlinearity (DNL) vs.
    sample rate, temperature, and voltage.

    Datasheet Summary with AI

    The MCP3202 is a 12-bit Analog-to-Digital Converter with on-board sample and hold circuitry.
    It has a programmable single pseudo-differential input pair or dual single-ended inputs.
    It has a maximum sampling rate of 100 ksps at 5V and 50 ksps at 2.7V, and operates over a voltage range of 2.7V to 5.5V.
    The device has low power consumption with a standby current of 500nA and an active current of 550µA at 5V.
    It is offered in 8-pin MSOP, PDIP, TSSOP, and 150 mil SOIC packages.
    The MCP3202 is suitable for applications such as sensor interface, process control, data acquisition, and battery-operated systems.
    The device also has various electrical characteristics and performance characteristics, including integral nonlinearity (INL) and differential nonlinearity (DNL) vs.
    sample rate, temperature, and voltage.

    Part No.MCP3202_08
    ManufacturerMICROCHIP
    Size606 Kbytes
    Pages32 pages
    Description2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface