| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 7075 Datasheet
# Example questions:
➢ What are the limitations of the 7075 waveform generator, such as maximum frequency, resolution, or memory capacity, that a user should be aware of before purchasing?
➢ What are the key features of the 7075 waveform generator, specifically regarding its sweep functions and how do they differ from other waveform generators?
➢ The document mentions several hioki memory hicorder models. how does the integration of a memory hicorder with the 7075 waveform generator improve the workflow compared to generating waveforms solely on the 7075?
1. Product Overview: Hioki 7075 Waveform Generator
· Purpose: A waveform generator capable of producing various waveforms for testing and analysis. It's designed to work well with Hioki’s MEMORY HiCORDER series.
· Models: Two models exist:
* 7075 (4-channel)
* 7075-01 (2-channel)
· Key Features:
* Waveform Types: Generates sine, square, triangle, ramp-up/down, pulse, noise, and DC waveforms.
* Sweep Functions: Allows for sweeping of frequency, amplitude, offset, and duty cycle.
* Memory: Can store waveforms.
* Synchronization: Designed for use with Hioki’s MEMORY HiCORDER series for waveform capture and analysis.
* Control Inputs/Outputs: TTL level compatible.
* Data Saving Conditions at power off, waveform backup
* Related Software Can use bundled 7990 Waveform Creation Software.
2. Technical Specifications (Highlights)
· Frequency Range:
* Sine: 0 - 10 MHz
* Square: 0 - 10 MHz
* Triangle: 0 - 200 kHz
* Ramp: 0 - 200 kHz
* Pulse: 0 - 200 kHz
· Accuracy: (Varies depending on the waveform type and function. Specific numbers are provided in the document.)
· Resolution: 16-bit (64,000 counts) for voltage axis.
· Sweep Time: 10 µs to 1000 s
· Waveform Memory: 128,000 words per channel.
· Filters 2-stage LPF, 50 Hz to 1 MHz (14 steps in 1-2-5 progression)
3. Software and Connectivity
· Bundled Software: 7990 Waveform Creation Software (for waveform creation and editing)
· Connectivity: Supports floppy disk, GP-IB, and RS-232C for data transfer and control.
· Downloadable Models Hioki’s MEMORY HiCORDER series versions 8806, 8807, 8808, 8825, 8826, 8835-01, 8830S, 8840, 8841, 8842, 8845, 8846, 8850, 8851, 8852, 8852-01, 8853, 7070.
4. Options & Accessories
· Connection Cords: BNC-BNC, BNC-Clip, GP-IB Cables.
· Related Hioki Devices: Highlighting the compatibility with Hioki’s MEMORY HiCORDER series.
5. Target Audience & Use Cases
· Engineers and technicians involved in testing and analysis of electrical systems and circuits.
· Applications include signal generation, waveform analysis, and troubleshooting.
Key Takeaway: The Hioki 7075 is a versatile waveform generator designed to be a key component of a broader testing and analysis workflow, especially when combined with Hioki’s MEMORY HiCORDER products.
1. Product Overview: Hioki 7075 Waveform Generator
· Purpose: A waveform generator capable of producing various waveforms for testing and analysis. It's designed to work well with Hioki’s MEMORY HiCORDER series.
· Models: Two models exist:
* 7075 (4-channel)
* 7075-01 (2-channel)
· Key Features:
* Waveform Types: Generates sine, square, triangle, ramp-up/down, pulse, noise, and DC waveforms.
* Sweep Functions: Allows for sweeping of frequency, amplitude, offset, and duty cycle.
* Memory: Can store waveforms.
* Synchronization: Designed for use with Hioki’s MEMORY HiCORDER series for waveform capture and analysis.
* Control Inputs/Outputs: TTL level compatible.
* Data Saving Conditions at power off, waveform backup
* Related Software Can use bundled 7990 Waveform Creation Software.
2. Technical Specifications (Highlights)
· Frequency Range:
* Sine: 0 - 10 MHz
* Square: 0 - 10 MHz
* Triangle: 0 - 200 kHz
* Ramp: 0 - 200 kHz
* Pulse: 0 - 200 kHz
· Accuracy: (Varies depending on the waveform type and function. Specific numbers are provided in the document.)
· Resolution: 16-bit (64,000 counts) for voltage axis.
· Sweep Time: 10 µs to 1000 s
· Waveform Memory: 128,000 words per channel.
· Filters 2-stage LPF, 50 Hz to 1 MHz (14 steps in 1-2-5 progression)
3. Software and Connectivity
· Bundled Software: 7990 Waveform Creation Software (for waveform creation and editing)
· Connectivity: Supports floppy disk, GP-IB, and RS-232C for data transfer and control.
· Downloadable Models Hioki’s MEMORY HiCORDER series versions 8806, 8807, 8808, 8825, 8826, 8835-01, 8830S, 8840, 8841, 8842, 8845, 8846, 8850, 8851, 8852, 8852-01, 8853, 7070.
4. Options & Accessories
· Connection Cords: BNC-BNC, BNC-Clip, GP-IB Cables.
· Related Hioki Devices: Highlighting the compatibility with Hioki’s MEMORY HiCORDER series.
5. Target Audience & Use Cases
· Engineers and technicians involved in testing and analysis of electrical systems and circuits.
· Applications include signal generation, waveform analysis, and troubleshooting.
Key Takeaway: The Hioki 7075 is a versatile waveform generator designed to be a key component of a broader testing and analysis workflow, especially when combined with Hioki’s MEMORY HiCORDER products.
| Part No. | 7075 |
| Manufacturer | ASM-SENSOR |
| Size | 1Mb |
| Pages | 8 pages |
| Description | WAVEFORM GENERATOR |