Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YM3392-44.736MHZ Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about YM3392-44.736MHZ Datasheet

  • # Example questions: ➢ What frequency range is supported by the y33xx series oscillator?
    ➢ What is the maximum input current draw of this oscillator at its highest operating frequency?
    ➢ How does the operating temperature range differ between the standard, option m, and option e versions of this oscillator?

  • Part No.YM3392-44.736MHZ
    ManufacturerCRYSTEKCRYSTAL
    Size202 Kbytes
    Pages1 page
    DescriptionClock Oscillator
    Datasheet Summary with AI

    # Y33xx Clock Oscillator

    ## General Description
    · 9x14 mm SMD, 3.3V, HCMOS oscillator
    · Designed for low jitter 3.3V applications.
    · Non-PLL based design.
    · Available on tape and reel (quantities of 1K).
    · Specifications subject to change without notice.

    ## Electrical Characteristics
    · Frequency Range: 1.544MHz to 66.667MHz
    · Frequency Stability: ±25ppm, ±50ppm, ±100ppm
    · Input Voltage: 3.3V ± 0.3V
    · Input Current: 20mA Max @ 66MHz
    · Output: HCMOS
    · Symmetry: 45/55% Max @ 50% Vdd
    · Rise/Fall Time: 8ns Max @ 20% to 80% Vdd
    · Logic Levels: "0" = 10% Vdd Max, "1" = 90% Vdd Min
    · Load: 30pF Max
    · Jitter RMS: 0.5ps Typ, 1ps Max (12KHz-20MHz)
    · Aging: <3ppm 1st/yr, 1ppm every year thereafter

    ## Temperature Ranges
    · Operating: 0°C to 70°C (Y)
    · Extended Temp: -20°C to 70°C (YM)
    · Industrial Temp: -40°C to 85°C (YE)
    · High Temp: -55°C to 120°C

    ## Part Number Guide
    · Example: Y3392-44.736MHZ
    · Y = 0°C to 70°C
    · YM = -20°C to 70°C
    · YE = -40°C to 85°C
    · Part Number Freq. Stability:
    * Y\*3390: +/-100ppm
    * Y\*3392: +/-50ppm
    * Y\*3391: +/-25ppm

    ## Reflow Soldering Profile
    · Preheat: 180 seconds Max
    · Critical Temperature Zone: 217°C
    · Peak Temperature: 260°C
    · Time Above 260°C: 10 seconds Max
    · Ramp-Up: 3°C/Sec Max
    · Ramp-Down: 6°C/Sec

    # Y33xx Clock Oscillator

    ## General Description
    · 9x14 mm SMD, 3.3V, HCMOS oscillator
    · Designed for low jitter 3.3V applications.
    · Non-PLL based design.
    · Available on tape and reel (quantities of 1K).
    · Specifications subject to change without notice.

    ## Electrical Characteristics
    · Frequency Range: 1.544MHz to 66.667MHz
    · Frequency Stability: ±25ppm, ±50ppm, ±100ppm
    · Input Voltage: 3.3V ± 0.3V
    · Input Current: 20mA Max @ 66MHz
    · Output: HCMOS
    · Symmetry: 45/55% Max @ 50% Vdd
    · Rise/Fall Time: 8ns Max @ 20% to 80% Vdd
    · Logic Levels: "0" = 10% Vdd Max, "1" = 90% Vdd Min
    · Load: 30pF Max
    · Jitter RMS: 0.5ps Typ, 1ps Max (12KHz-20MHz)
    · Aging: <3ppm 1st/yr, 1ppm every year thereafter

    ## Temperature Ranges
    · Operating: 0°C to 70°C (Y)
    · Extended Temp: -20°C to 70°C (YM)
    · Industrial Temp: -40°C to 85°C (YE)
    · High Temp: -55°C to 120°C

    ## Part Number Guide
    · Example: Y3392-44.736MHZ
    · Y = 0°C to 70°C
    · YM = -20°C to 70°C
    · YE = -40°C to 85°C
    · Part Number Freq. Stability:
    * Y\*3390: +/-100ppm
    * Y\*3392: +/-50ppm
    * Y\*3391: +/-25ppm

    ## Reflow Soldering Profile
    · Preheat: 180 seconds Max
    · Critical Temperature Zone: 217°C
    · Peak Temperature: 260°C
    · Time Above 260°C: 10 seconds Max
    · Ramp-Up: 3°C/Sec Max
    · Ramp-Down: 6°C/Sec

    Part No.YM3392-44.736MHZ
    ManufacturerCRYSTEKCRYSTAL
    Size202 Kbytes
    Pages1 page
    DescriptionClock Oscillator
    Privacy Policy
    ALLDATASHEET.COM
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Datasheet Upload   |  Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List