Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3845A Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about UC3845A Datasheet

  • Example questions: 1. What is the start-up current for the UC384xA family of control ICs?
    2. What are the differences in under-voltage lockout thresholds between UC3842A/UC3844A and UC3843A/UC3845A?
    3. Which members of the UC384xA family can operate to duty cycles approaching 100%?

  • Part No.UC3845A
    ManufacturerSTMICROELECTRONICS
    Size167 Kbytes
    Pages16 pages
    DescriptionHIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
    Datasheet Summary with AI

    The UC384xA family of control ICs is designed to implement off-line or DC to DC fixed frequency current mode control schemes with minimal external parts.
    It features a trimmed oscillator for precise duty cycle control, under voltage lockout with low start-up current, and a totem pole output stage designed to source or sink high peak current.
    The family includes the UC3842A, UC3843A, UC3844A, and UC3845A, each with different under-voltage lockout thresholds and maximum duty cycle ranges.
    The ICs also have features such as automatic feed forward compensation, latching PWM for cycle-by-cycle current limiting, and internally trimmed reference with undervoltage lockout.
    The UC3842A and UC3843A can operate to duty cycles approaching 100%, while the UC3844A and UC3845A have a range of zero to less than 50%.
    The ICs are available in SO-8 and DIP-8 packages and have various absolute maximum ratings and thermal data.
    The electrical characteristics include parameters for the reference section, oscillator section, error amp section, current sense section, output section, under-voltage lockout section, PWM section, and total standby current.
    The ICs also have various test circuits and waveforms for reference.

    Datasheet Summary with AI

    The UC384xA family of control ICs is designed to implement off-line or DC to DC fixed frequency current mode control schemes with minimal external parts.
    It features a trimmed oscillator for precise duty cycle control, under voltage lockout with low start-up current, and a totem pole output stage designed to source or sink high peak current.
    The family includes the UC3842A, UC3843A, UC3844A, and UC3845A, each with different under-voltage lockout thresholds and maximum duty cycle ranges.
    The ICs also have features such as automatic feed forward compensation, latching PWM for cycle-by-cycle current limiting, and internally trimmed reference with undervoltage lockout.
    The UC3842A and UC3843A can operate to duty cycles approaching 100%, while the UC3844A and UC3845A have a range of zero to less than 50%.
    The ICs are available in SO-8 and DIP-8 packages and have various absolute maximum ratings and thermal data.
    The electrical characteristics include parameters for the reference section, oscillator section, error amp section, current sense section, output section, under-voltage lockout section, PWM section, and total standby current.
    The ICs also have various test circuits and waveforms for reference.

    Part No.UC3845A
    ManufacturerSTMICROELECTRONICS
    Size167 Kbytes
    Pages16 pages
    DescriptionHIGH PERFORMANCE CURRENT MODE PWM CONTROLLER