![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SA58670_08 Datasheet
Example questions:
1. What is the maximum output power of the SA58670 when operating at 5.0 V into 4 Ω?,
2. What is the supply voltage range for the SA58670 audio amplifier?,
3. How many selectable gain options does the SA58670 provide?
The SA58670 is a stereo, filter-free class-D audio amplifier available in an HVQFN20 package with an exposed Die Attach Paddle (DAP).
It features independent shutdown controls for each channel and selectable gain of 6 dB, 12 dB, 18 dB, or 24 dB.
The amplifier delivers 1.4 W/channel at 5.0 V and 720 mW/channel at 3.6 V into 8 Ω, and 2.1 W/channel at 5.0 V into 4 Ω, with excellent power efficiency.
It also provides thermal and short-circuit shutdown protection.
The amplifier is suitable for applications such as wireless and cellular handsets, PDAs, portable DVD players, USB speakers, notebook PCs, portable radios, gaming, and educational toys.
The package size is 4 mm × 4 mm HVQFN20, and it has low junction to ambient thermal resistance of 24 K/W with the exposed DAP.
The amplifier has a fast start-up time of 3.5 ms and low supply and shutdown current.
It also has high PSRR and differential circuit topology for improved immunity to noise and RF rectification.
The amplifier has a supply voltage range of 2.5 V to 5.5 V and a power supply rejection ratio of -77 dB at 217 Hz.
It also has a low input impedance and a low output noise voltage.
Part No. | SA58670_08 |
Manufacturer | NXP |
Size | 167 Kbytes |
Pages | 25 pages |
Description | 2.1 W/channel stereo class-D audio amplifier |