Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9273 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AD9273_08 Datasheet

  • # Example questions: ➢ What is the maximum data rate, in msps, supported by the adc?
    ➢ What is the maximum input voltage, in mv peak-to-peak, that the ad9273 can accept?
    ➢ What is the bandwidth of the ad9273, as specified in the features?

  • Part No.AD9273_08
    ManufacturerAD
    Size65 Kbytes
    Pages2 pages
    DescriptionOctal LNA/VGA/AAF/ADC and Crosspoint Switch
    Datasheet Summary with AI

    # AD9273 - Octal LNA/VGA/AAF/ADC and Crosspoint Switch

    ## Features

    · Channels: 8 channels of LNA, VGA, AAF, and ADC
    · LNA:
    * Input-referred noise voltage: 1.2 nV/√Hz (gain = 21.3 dB) @ 5 MHz
    * Programmable gain: 15.6 dB / 17.9 dB / 21.3 dB
    * Single-ended input, VIN maximum: 733 mV p-p / 550 mV p-p / 367 mV p-p
    * Dual-mode active input impedance matching
    * Bandwidth (BW) > 100 MHz
    · VGA:
    * Attenuator range: −42 dB to 0 dB
    * Programmable PGA gain: 21 dB / 24 dB / 27 dB / 30 dB
    * Linear-in-dB gain control
    · AAF:
    * Programmable 2nd-order low-pass filter (LPF): 8 MHz to 18 MHz
    * Programmable high-pass filter (HPF)
    · ADC:
    * 12 bits at 10 MSPS to 50 MSPS
    * SNR = 70 dB
    * SFDR = 75 dB
    · Switch: 8 × 8 differential crosspoint switch
    · Power:
    * 109 mW per channel @ 12 bits/40 MSPS (TGC)
    * 70 mW per channel in CW Doppler
    · Other:
    * Overload recovery: <10 ns
    * Fast recovery from standby: <2 μs
    * 100-lead TQFP

    ## Applications

    · Medical imaging/ultrasound
    · Automotive radar

    ## General Description

    · Low cost, low power, small size, ease of use
    · Contains eight channels of:
    * LNA with VGA
    * AAF
    * 12-bit ADC (10 MSPS to 50 MSPS)
    · Variable gain range: 42 dB
    · Fully differential signal path
    · Active input preamplifier termination
    · Maximum gain: up to 52 dB

    ## Functional Block Diagram

    · Includes LNA, VGA, AAF, ADC, and serial LVDS outputs
    · Crosspoint switch enables CW Doppler functionality
    · SPI programming for gain, filter settings, and switch control

    ## Notes

    · Information furnished by Analog Devices is believed to be accurate and reliable.
    · Trademarks and registered trademarks are the property of their respective owners.

    # AD9273 - Octal LNA/VGA/AAF/ADC and Crosspoint Switch

    ## Features

    · Channels: 8 channels of LNA, VGA, AAF, and ADC
    · LNA:
    * Input-referred noise voltage: 1.2 nV/√Hz (gain = 21.3 dB) @ 5 MHz
    * Programmable gain: 15.6 dB / 17.9 dB / 21.3 dB
    * Single-ended input, VIN maximum: 733 mV p-p / 550 mV p-p / 367 mV p-p
    * Dual-mode active input impedance matching
    * Bandwidth (BW) > 100 MHz
    · VGA:
    * Attenuator range: −42 dB to 0 dB
    * Programmable PGA gain: 21 dB / 24 dB / 27 dB / 30 dB
    * Linear-in-dB gain control
    · AAF:
    * Programmable 2nd-order low-pass filter (LPF): 8 MHz to 18 MHz
    * Programmable high-pass filter (HPF)
    · ADC:
    * 12 bits at 10 MSPS to 50 MSPS
    * SNR = 70 dB
    * SFDR = 75 dB
    · Switch: 8 × 8 differential crosspoint switch
    · Power:
    * 109 mW per channel @ 12 bits/40 MSPS (TGC)
    * 70 mW per channel in CW Doppler
    · Other:
    * Overload recovery: <10 ns
    * Fast recovery from standby: <2 μs
    * 100-lead TQFP

    ## Applications

    · Medical imaging/ultrasound
    · Automotive radar

    ## General Description

    · Low cost, low power, small size, ease of use
    · Contains eight channels of:
    * LNA with VGA
    * AAF
    * 12-bit ADC (10 MSPS to 50 MSPS)
    · Variable gain range: 42 dB
    · Fully differential signal path
    · Active input preamplifier termination
    · Maximum gain: up to 52 dB

    ## Functional Block Diagram

    · Includes LNA, VGA, AAF, ADC, and serial LVDS outputs
    · Crosspoint switch enables CW Doppler functionality
    · SPI programming for gain, filter settings, and switch control

    ## Notes

    · Information furnished by Analog Devices is believed to be accurate and reliable.
    · Trademarks and registered trademarks are the property of their respective owners.

    Part No.AD9273_08
    ManufacturerAD
    Size65 Kbytes
    Pages2 pages
    DescriptionOctal LNA/VGA/AAF/ADC and Crosspoint Switch