Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN58X25128IAG Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about HN58X25128IAG Datasheet

  • Example questions: 1. What is the clock frequency range for the HN58X25xxx Series EEPROM mentioned in the document?
    2. How many erase/write cycles can the HN58X25xxx Series EEPROM endure?
    3. What is the standby power dissipation of the HN58X25xxx Series EEPROM?

  • Part No.HN58X25128IAG
    ManufacturerRENESAS
    Size598 Kbytes
    Pages22 pages
    DescriptionSerial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
    Datasheet Summary with AI

    The HN58X25xxx Series is a Serial Peripheral Interface (SPI) compatible Electrically Erasable and Programmable ROM (EEPROM) that offers high speed, low power consumption, and reliability.
    It comes in two options, a 128k EEPROM and a 256k EEPROM, with features such as single supply voltage, clock frequency, power dissipation, automatic page write, endurance, data retention, small size packages, and temperature range.
    The product also includes ordering information, pin arrangement, pin description, block diagram, absolute maximum ratings, DC operating conditions, DC characteristics, AC characteristics, timing waveforms, and pin function details.
    The EEPROM is suitable for various applications that require non-volatile memory storage.

    Datasheet Summary with AI

    The HN58X25xxx Series is a Serial Peripheral Interface (SPI) compatible Electrically Erasable and Programmable ROM (EEPROM) that offers high speed, low power consumption, and reliability.
    It comes in two options, a 128k EEPROM and a 256k EEPROM, with features such as single supply voltage, clock frequency, power dissipation, automatic page write, endurance, data retention, small size packages, and temperature range.
    The product also includes ordering information, pin arrangement, pin description, block diagram, absolute maximum ratings, DC operating conditions, DC characteristics, AC characteristics, timing waveforms, and pin function details.
    The EEPROM is suitable for various applications that require non-volatile memory storage.

    Part No.HN58X25128IAG
    ManufacturerRENESAS
    Size598 Kbytes
    Pages22 pages
    DescriptionSerial Peripheral Interface Electrically Erasable and Programmable Read Only Memory