![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LIS331DL_08 Datasheet
Example questions:
1. What is the supply voltage range for the LIS331DL MEMS motion sensor?
2. What are some of the embedded functions of the LIS331DL accelerometer mentioned in the document?
3. What is the operating temperature range for the LIS331DL accelerometer as per the provided information?
The LIS331DL is a MEMS motion sensor with 3-axis ±2g/±8g smart digital output "nano" accelerometer.
It operates on a supply voltage of 2.16V to 3.6V and has a power consumption of <1mW.
The sensor features I2C/SPI digital output interface, programmable interrupt generator, embedded click and double click recognition, free-fall and motion detection, high pass filter, and self-test.
It is designed for applications such as free-fall detection, motion activated functions, gaming and virtual reality input devices, and vibration monitoring and compensation.
The sensor is available in a plastic Land Grid Array package and is guaranteed to operate over an extended temperature range from -40°C to +85°C.
The device also includes a block diagram, mechanical and electrical specifications, register mapping, register description, digital interfaces, typical performance characteristics, package information, and revision history.
Part No. | LIS331DL_08 |
Manufacturer | STMICROELECTRONICS |
Size | 647 Kbytes |
Pages | 42 pages |
Description | MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output -nano-accelerometer |