Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCF4502B_02 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about HCF4502B_02 Datasheet

  • Example questions: 1. What is the maximum input leakage current for HCF4502B at VDD = 18V and TA = 25°C?
    2. How many inverter/buffers are there in HCF4502B?
    3. What is the purpose of the OUTPUT DISABLE input in HCF4502B?

  • Part No.HCF4502B_02
    ManufacturerSTMICROELECTRONICS
    Size156 Kbytes
    Pages9 pages
    DescriptionSTROBED HEX INVERTER/BUFFER
    Datasheet Summary with AI

    The HCF4502B is a monolithic integrated circuit with six inverter/buffers and 3 state outputs.
    It has a common output disable control and an inhibit control, and is capable of driving two standard TTL loads.
    It is specified for a supply voltage up to 20V and has 5V, 10V, and 15V parametric ratings.
    The device meets all requirements of JEDEC JESD13B "Standard Specifications for Description of B Series CMOS Devices".
    It has various input and output specifications, as well as dynamic electrical characteristics.
    The device is available in DIP and SOP packages and is suitable for a wide range of applications.

    Datasheet Summary with AI

    The HCF4502B is a monolithic integrated circuit with six inverter/buffers and 3 state outputs.
    It has a common output disable control and an inhibit control, and is capable of driving two standard TTL loads.
    It is specified for a supply voltage up to 20V and has 5V, 10V, and 15V parametric ratings.
    The device meets all requirements of JEDEC JESD13B "Standard Specifications for Description of B Series CMOS Devices".
    It has various input and output specifications, as well as dynamic electrical characteristics.
    The device is available in DIP and SOP packages and is suitable for a wide range of applications.

    Part No.HCF4502B_02
    ManufacturerSTMICROELECTRONICS
    Size156 Kbytes
    Pages9 pages
    DescriptionSTROBED HEX INVERTER/BUFFER