![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MC33079_08 Datasheet
Example questions:
1. What is the voltage noise of the MC33079 operational amplifier according to the given PDF?
2. What is the gain bandwidth product of the MC33079 operational amplifier as stated in the PDF?
3. Which type of applications is the MC33079 operational amplifier particularly well suited for, based on the information provided in the PDF?
The MC33079 is a low noise quad operational amplifier with features such as low voltage noise, high gain bandwidth product, high slew rate, low distortion, large output voltage swing, and excellent frequency stability.
It is particularly well suited for audio applications.
The amplifier has a monolithic design and offers ESD protection.
It is available in DIP14 and SO-14 packages.
The device has various electrical characteristics such as input offset voltage, input offset current, voltage gain, output voltage swing, and total harmonic distortion.
The amplifier also has specific operating conditions and maximum ratings.
The document also includes package information and ordering details for the MC33079.
Part No. | MC33079_08 |
Manufacturer | STMICROELECTRONICS |
Size | 142 Kbytes |
Pages | 12 pages |
Description | Low noise quad operational amplifier |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |