Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T410-600T Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about T410-600T Datasheet

  • Example questions: 1. What is the recommended application for the T4 series based on the information provided in the pdf?
    2. What is the maximum value of VDRM/VRRM for the T4 series TRIAC?
    3. Which order code corresponds to the T4 series TRIAC with a fully insulated package that complies with UL standards?

  • Part No.T410-600T
    ManufacturerSTMICROELECTRONICS
    Size115 Kbytes
    Pages10 pages
    Description4A TRIACS
    Datasheet Summary with AI

    The T4 series is a line of 4A TRIACs based on ST's Snubberless/Logic level technology, designed for high commutation performance on AC inductive loads.
    They are suitable for use in applications such as universal motors, electrovalves, kitchen aid equipment, power tools, and dishwashers.
    The T4 series is available in various package options and complies with UL standards.
    The product selector provides information on the different voltage and sensitivity types available for each package.
    The package mechanical data and foot print dimensions are also provided for DPAK, ISOWATT220AB, and IPAK packages.
    Additionally, the datasheet includes tables and figures detailing the absolute maximum ratings, electrical characteristics, static characteristics, thermal resistance, and ordering information for the T4 series.

    Datasheet Summary with AI

    The T4 series is a line of 4A TRIACs based on ST's Snubberless/Logic level technology, designed for high commutation performance on AC inductive loads.
    They are suitable for use in applications such as universal motors, electrovalves, kitchen aid equipment, power tools, and dishwashers.
    The T4 series is available in various package options and complies with UL standards.
    The product selector provides information on the different voltage and sensitivity types available for each package.
    The package mechanical data and foot print dimensions are also provided for DPAK, ISOWATT220AB, and IPAK packages.
    Additionally, the datasheet includes tables and figures detailing the absolute maximum ratings, electrical characteristics, static characteristics, thermal resistance, and ordering information for the T4 series.

    Part No.T410-600T
    ManufacturerSTMICROELECTRONICS
    Size115 Kbytes
    Pages10 pages
    Description4A TRIACS