Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMC-2242PBL-A Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about CMC-2242PBL-A Datasheet

  • # Example questions: ➢ What is the maximum permissible current consumption of this microphone when operating at a supply voltage of 0 v dc?
    ➢ What is the specified operating temperature range for this microphone, and within what sensitivity tolerance must it remain within after environmental testing?
    ➢ How does the sensitivity indication in pascal (pa) compare to the ubar indication, and what is an example conversion?

  • Part No.CMC-2242PBL-A
    ManufacturerCUI
    Size1Mb
    Pages4 pages
    Descriptionelectret condenser microphone
    Datasheet Summary with AI

    # CMC-2242PBL-A Electret Condenser Microphone

    ## General Specifications

    · Part Number: CMC-2242PBL-A
    · Type: Electret Condenser Microphone
    · Directivity: Omnidirectional
    · Sensitivity: -42 ±3 dB @ 1KHz, 1Pa (0dB = 1V/Pa)
    · Sensitivity Reduction: -3 dB @ 1KHz, 1Pa (Vs = 2.0 ~ 1.5 V dc)
    · Operating Voltage: 2 V dc (standard), 10 V dc (max.)
    · Output Impedance: 2.2 KΩ @ 1KHz, 1Pa
    · Operating Frequency: 100 ~ 20,000 Hz
    · Current Consumption: 0.5 mA max. @ 2.0 V dc, 2.2KΩ load
    · Signal-to-Noise Ratio: 58 dBA @ 1KHz, 1Pa (A-weighted)
    · Operating Temperature: -20 ~ +70° C
    · Storage Temperature: -20 ~ +70° C
    · Dimensions: ø6.0 x 2.2 mm
    · Weight: 0.15 g max.
    · Material: Aluminum (Al)
    · Terminal Pin Type: Au plating

    · RoHS Compliant: Yes
    · Sensitivity Indication: Pascal (Pa) is used, increasing sensitivity by 20dB compared to "ubar" indication.

    ## Mechanical Characteristics & Testing

    · Soldering Heat Resistance: Immersion in 270 ±5°C solder for 2 ±0.5 seconds. No interference in operation.
    · PCB Wire Pull Strength: 4.9N (0.5kg) for 30 seconds (Horizontal)
    · Vibration Resistance: 1.5 mm amplitude, 10-55 Hz band, 2 hours in 3 perpendicular directions. Sensitivity within ±3dB.
    · Drop Test: 1 m drop onto wooden board, 3 times in 3 axes (X, Y, Z).
    · High Temperature Test: 72 hours at +70°C. Sensitivity within ±3dB.
    · Low Temperature Test: 72 hours at -20°C.
    · Humidity Test: 240 hours at +40°C, 90±5% relative humidity.
    · Temperature Cycle Test: 10 cycles.

    ## Test Conditions

    · Standard Test Condition: +5 ~ +35°C, 45 - 85% humidity, 860-1060 mbar pressure.
    · Judgement Test Condition: +25 ±2°C, 60 - 70% humidity, 860-1060 mbar pressure.

    # CMC-2242PBL-A Electret Condenser Microphone

    ## General Specifications

    · Part Number: CMC-2242PBL-A
    · Type: Electret Condenser Microphone
    · Directivity: Omnidirectional
    · Sensitivity: -42 ±3 dB @ 1KHz, 1Pa (0dB = 1V/Pa)
    · Sensitivity Reduction: -3 dB @ 1KHz, 1Pa (Vs = 2.0 ~ 1.5 V dc)
    · Operating Voltage: 2 V dc (standard), 10 V dc (max.)
    · Output Impedance: 2.2 KΩ @ 1KHz, 1Pa
    · Operating Frequency: 100 ~ 20,000 Hz
    · Current Consumption: 0.5 mA max. @ 2.0 V dc, 2.2KΩ load
    · Signal-to-Noise Ratio: 58 dBA @ 1KHz, 1Pa (A-weighted)
    · Operating Temperature: -20 ~ +70° C
    · Storage Temperature: -20 ~ +70° C
    · Dimensions: ø6.0 x 2.2 mm
    · Weight: 0.15 g max.
    · Material: Aluminum (Al)
    · Terminal Pin Type: Au plating
    · RoHS Compliant: Yes
    · Sensitivity Indication: Pascal (Pa) is used, increasing sensitivity by 20dB compared to "ubar" indication.

    ## Mechanical Characteristics & Testing

    · Soldering Heat Resistance: Immersion in 270 ±5°C solder for 2 ±0.5 seconds. No interference in operation.
    · PCB Wire Pull Strength: 4.9N (0.5kg) for 30 seconds (Horizontal)
    · Vibration Resistance: 1.5 mm amplitude, 10-55 Hz band, 2 hours in 3 perpendicular directions. Sensitivity within ±3dB.
    · Drop Test: 1 m drop onto wooden board, 3 times in 3 axes (X, Y, Z).
    · High Temperature Test: 72 hours at +70°C. Sensitivity within ±3dB.
    · Low Temperature Test: 72 hours at -20°C.
    · Humidity Test: 240 hours at +40°C, 90±5% relative humidity.
    · Temperature Cycle Test: 10 cycles.

    ## Test Conditions

    · Standard Test Condition: +5 ~ +35°C, 45 - 85% humidity, 860-1060 mbar pressure.
    · Judgement Test Condition: +25 ±2°C, 60 - 70% humidity, 860-1060 mbar pressure.

    Part No.CMC-2242PBL-A
    ManufacturerCUI
    Size1Mb
    Pages4 pages
    Descriptionelectret condenser microphone