| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about RJ24 Datasheet
# Example questions:
➢ What is the maximum power rating of the rj24 potentiometer at 150°c?
➢ How does the insulation resistance of the rj24 compare to the rjr24, according to the humidity testing standards?
➢ What failure rate options are available when ordering the rjr24 per mil-prf-39035?
# RJ24/RJR24 Trimming Potentiometer
## Features
· Multiturn / Cermet / Industrial / Sealed
· Standoffs
· Patent #4427966 drive mechanism
· Listed on the QPL per MIL-R-22097 and High-Rel Mil-R-39035
## Electrical Characteristics
· Standard Resistance Range: 10 to 1 megohm
· Resistance Tolerance: ±10% std.
· Absolute Minimum Resistance:
- RJ24: 2% or 20 ohms max.
- RJR24: 2% or 2 ohms max.
· Contact Resistance Variation: 3.0% or 3 ohms max.
· Adjustability:
- Voltage: ±0.01 %
- Resistance: ±0.05 %
- Resolution: Infinite
· Insulation Resistance: 500 vdc, 1,000 megohms min.
· Dielectric Strength:
- Sea Level: 1,000 vac
- 80,000 Feet: 400 vac
· Effective Travel: 25 turns nom.
## Environmental Characteristics
· Power Rating:
- 85 °C: 0.5 watt
- 150 °C: 0 watt
· Temperature Range: -55 °C to +150 °C
· Temperature Coefficient: ±100 ppm/°C
· Seal Test: 85 °C Fluorinert
· Humidity: MIL-STD-202 Method 106
- RJ24: 96 hours (1 % ∆TR, 10 Megohms IR)
- RJR24: 96 hours (1 % ∆TR, 100 Megohms IR)
· Vibration: 20 G (1 % ∆TR; 1 % ∆VR)
· Shock: 100 G (1 % ∆TR; 1 % ∆VR)
· Load Life:
- RJ24: 1,000 hours 0.5 watt @ 85 °C (2 % ∆TR; 10% ∆VR)
- RJR24: 10,000 hours 0.5 watt @ 85 °C (3 % ∆TR)
· Rotational Life: 200 cycles (2 % ∆TR)
## Physical Characteristics
· Torque: 5.0 oz-in. max.
· Mechanical Stops: Wiper idles
· Terminals: MIL-STD 202, Method 208
· Weight: 0.025 oz.
· Marking: Mil-spec part number, date code
· Wiper: 50 % (Actual TR) ±10 %
· Flammability: U.L. 94V-0
· Standard Packaging: 50 pcs. per tube
· Adjustment Tool: H-90
## Standard Resistance Table
| Resistance (Ohms) | Resistance Code |
|---|---|
| 10 | 100 |
| 20 | 200 |
| 50 | 500 |
| 100 | 101 |
| 200 | 201 |
| 500 | 501 |
| 1,000 | 102 |
| 2,000 | 202 |
| 5,000 | 502 |
| 10,000 | 103 |
| 20,000 | 203 |
| 25,000 | 253 |
| 50,000 | 503 |
| 100,000 | 104 |
| 200,000 | 204 |
| 250,000 | 254 |
| 500,000 | 504 |
| 1,000,000 | 105 |
# RJ24/RJR24 Trimming Potentiometer
## Features
· Multiturn / Cermet / Industrial / Sealed
· Standoffs
· Patent #4427966 drive mechanism
· Listed on the QPL per MIL-R-22097 and High-Rel Mil-R-39035
## Electrical Characteristics
· Standard Resistance Range: 10 to 1 megohm
· Resistance Tolerance: ±10% std.
· Absolute Minimum Resistance:
- RJ24: 2% or 20 ohms max.
- RJR24: 2% or 2 ohms max.
· Contact Resistance Variation: 3.0% or 3 ohms max.
· Adjustability:
- Voltage: ±0.01 %
- Resistance: ±0.05 %
- Resolution: Infinite
· Insulation Resistance: 500 vdc, 1,000 megohms min.
· Dielectric Strength:
- Sea Level: 1,000 vac
- 80,000 Feet: 400 vac
· Effective Travel: 25 turns nom.
## Environmental Characteristics
· Power Rating:
- 85 °C: 0.5 watt
- 150 °C: 0 watt
· Temperature Range: -55 °C to +150 °C
· Temperature Coefficient: ±100 ppm/°C
· Seal Test: 85 °C Fluorinert
· Humidity: MIL-STD-202 Method 106
- RJ24: 96 hours (1 % ∆TR, 10 Megohms IR)
- RJR24: 96 hours (1 % ∆TR, 100 Megohms IR)
· Vibration: 20 G (1 % ∆TR; 1 % ∆VR)
· Shock: 100 G (1 % ∆TR; 1 % ∆VR)
· Load Life:
- RJ24: 1,000 hours 0.5 watt @ 85 °C (2 % ∆TR; 10% ∆VR)
- RJR24: 10,000 hours 0.5 watt @ 85 °C (3 % ∆TR)
· Rotational Life: 200 cycles (2 % ∆TR)
## Physical Characteristics
· Torque: 5.0 oz-in. max.
· Mechanical Stops: Wiper idles
· Terminals: MIL-STD 202, Method 208
· Weight: 0.025 oz.
· Marking: Mil-spec part number, date code
· Wiper: 50 % (Actual TR) ±10 %
· Flammability: U.L. 94V-0
· Standard Packaging: 50 pcs. per tube
· Adjustment Tool: H-90
## Standard Resistance Table
| Resistance (Ohms) | Resistance Code |
|---|---|
| 10 | 100 |
| 20 | 200 |
| 50 | 500 |
| 100 | 101 |
| 200 | 201 |
| 500 | 501 |
| 1,000 | 102 |
| 2,000 | 202 |
| 5,000 | 502 |
| 10,000 | 103 |
| 20,000 | 203 |
| 25,000 | 253 |
| 50,000 | 503 |
| 100,000 | 104 |
| 200,000 | 204 |
| 250,000 | 254 |
| 500,000 | 504 |
| 1,000,000 | 105 |
| Part No. | RJ24 |
| Manufacturer | BOURNS |
| Size | 169 Kbytes |
| Pages | 1 page |
| Description | 3/8 ??Square Trimming Potentiometer |