Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MJE340 Datasheet
Example questions:
1. What is the collector-emitter voltage rating for the NPN transistor MJE340?
2. What is the complementary PNP type for the MJE340 transistor?
3. What is the maximum collector current for the MJE350 PNP transistor?
The MJE340 and MJE350 are complementary silicon power transistors intended for use in medium power linear and switching applications.
The MJE340 is an NPN transistor with a collector-emitter voltage of 300V and a collector current of 0.5A.
The MJE350 is the complementary PNP type.
The transistors are mounted in SOT-32 and have absolute maximum ratings for various parameters.
The electrical characteristics, thermal data, and mechanical data are also provided.
The transistors are part of the SGS-THOMSON preferred sales types and are suitable for use in industrial equipment.
The publication also includes a disclaimer and information about SGS-THOMSON Microelectronics.
Part No. | MJE340 |
Manufacturer | STMICROELECTRONICS |
Size | 66 Kbytes |
Pages | 5 pages |
Description | COMPLEMETARY SILICON POWER TRANSISTORS |