Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74HC08 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about M74HC08 Datasheet

  • Example questions: 1. What is the typical propagation delay (tPD) of the M74HC08 high-speed CMOS QUAD 2-INPUT AND GATE at VCC = 6V?
    2. What is the maximum power dissipation (ICC) of the M74HC08 at TA = 25°C?
    3. What is the minimum symmetrical output impedance of the M74HC08 QUAD 2-INPUT AND GATE?

  • Part No.M74HC08
    ManufacturerSTMICROELECTRONICS
    Size171 Kbytes
    Pages8 pages
    DescriptionQUAD 2-INPUT AND GATE
    Datasheet Summary with AI

    The M74HC08 is a high-speed CMOS quad 2-input AND gate with low power dissipation and high noise immunity.
    It has a wide operating voltage range of 2V to 6V and is pin and function compatible with the 74 series 08.
    The internal circuit is composed of 2 stages including buffer output, which enables high noise immunity and stable output.
    The device is equipped with protection circuits against static discharge and transient excess voltage.
    It has symmetrical output impedance and balanced propagation delays.
    The absolute maximum ratings and recommended operating conditions are also provided.
    The device is suitable for use in various electronic applications.

    Datasheet Summary with AI

    The M74HC08 is a high-speed CMOS quad 2-input AND gate with low power dissipation and high noise immunity.
    It has a wide operating voltage range of 2V to 6V and is pin and function compatible with the 74 series 08.
    The internal circuit is composed of 2 stages including buffer output, which enables high noise immunity and stable output.
    The device is equipped with protection circuits against static discharge and transient excess voltage.
    It has symmetrical output impedance and balanced propagation delays.
    The absolute maximum ratings and recommended operating conditions are also provided.
    The device is suitable for use in various electronic applications.

    Part No.M74HC08
    ManufacturerSTMICROELECTRONICS
    Size171 Kbytes
    Pages8 pages
    DescriptionQUAD 2-INPUT AND GATE