Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LM348 Datasheet
Example questions:
1. What is the supply current for all four amplifiers in the LM148 operational amplifier?
2. What is the gain bandwidth product of the LM148 operational amplifier?
3. How is isolation between amplifiers achieved in the LM148 operational amplifier?
The LM148 is a quad operational amplifier with low power consumption and high gain.
It is pin-compatible with the LM124 and has a low input offset voltage, input offset current, and input bias current.
It also has a gain bandwidth product of 1.3MHz and a high degree of isolation between amplifiers.
The LM148 is suitable for applications where multiple UA741 type amplifiers are used and where amplifier matching or high packing density is required.
It also has overload protection for inputs and outputs.
The device is available in DIP14 and SO14 packages and has absolute maximum ratings for supply voltage, input voltage, power dissipation, and operating temperature range.
The electrical characteristics of the LM148 include input offset voltage, input offset current, input bias current, supply current, input common mode voltage range, output voltage swing, slew rate, and gain bandwidth product.
The device also has a schematic diagram, test circuits, and package mechanical data.
Part No. | LM348 |
Manufacturer | STMICROELECTRONICS |
Size | 139 Kbytes |
Pages | 9 pages |
Description | FOUR UA741 QUAD BIPOLAR OPERATIONAL AMPLIFIERS |