![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LM101A-LM201A Datasheet
Example questions:
1. What are some features of the LM101A operational amplifier according to the given PDF?
2. What is the supply voltage range for the LM301A operational amplifier?
3. How can the compensation be tailored for the LM101A operational amplifier according to the PDF?
The LM101A is a general-purpose operational amplifier with supply voltages ranging from ±5V to ±22V, low current drain, overload protection on the input and output, and no latch-up when the common-mode range is exceeded.
It is free from oscillations and can be compensated with a single 30pF capacitor.
The amplifier has advantages over internally compensated amplifiers as the compensation can be tailored to the particular application, allowing for a slew rate of 10V/µs and a bandwidth of 3.5MHz.
The amplifier also offers pin connections, order codes, absolute maximum ratings, electrical characteristics, single pole and feed forward compensation, and package mechanical data.
Part No. | LM101A-LM201A |
Manufacturer | STMICROELECTRONICS |
Size | 165 Kbytes |
Pages | 11 pages |
Description | SINGLE OPERATIONAL AMPLIFIER |