Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about L601-L603 Datasheet
Example questions:
1. What is the output current rating per driver for the Darlington arrays described in the document?
2. Which order codes are associated with the L601 and L603 Darlington arrays?
3. What is the purpose of the integral suppression diodes included in the Darlington arrays?
The L601-L604 are high voltage, high current darlington arrays containing eight open collector darlington pairs with common emitters.
Each channel is rated at 400 mA and can withstand peak currents of 500 mA.
Suppression diodes are included for inductive load driving and the inputs are pinned opposite the outputs to simplify board layout.
The arrays are compatible with TTL, CMOS, PMOS, and DTL logic families and can be used for driving a wide range of loads, including solenoids, relays, DC motors, LED displays, filament lamps, thermal printheads, and high power buffers.
The arrays come in DIP-18 packages and have various order codes for different versions.
They also have specific electrical characteristics and thermal data.
Part No. | L601-L603 |
Manufacturer | STMICROELECTRONICS |
Size | 59 Kbytes |
Pages | 5 pages |
Description | DARLINGTON ARRAYS |