Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L4945 Datasheet with Chat AI
Part No.L4945
ManufacturerSTMICROELECTRONICS
Size43 Kbytes
Pages6 pages
Description5V VERY LOW DROP VOLTAGE REGULATOR
Datasheet Summary with AI

The L4945 is a very low drop voltage regulator with a precise output voltage of 5V±4%.
It is designed for automotive and industrial electronic systems and can operate over a full temperature range of -40 to 125°C.
It has a very low voltage drop of 0.75Vmax and can handle an output current of up to 500mA.
The device also includes overvoltage and reverse voltage protections, as well as short circuit protection and thermal shutdown with hysteresis.
It has a low startup current and is ESD protected according to MIL-STD-883C.
The device requires external compensation and a very high value capacitor for stability.
The package is a Versawatt (TO220) and the device is not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.

Datasheet Summary with AI

The L4945 is a very low drop voltage regulator with a precise output voltage of 5V±4%.
It is designed for automotive and industrial electronic systems and can operate over a full temperature range of -40 to 125°C.
It has a very low voltage drop of 0.75Vmax and can handle an output current of up to 500mA.
The device also includes overvoltage and reverse voltage protections, as well as short circuit protection and thermal shutdown with hysteresis.
It has a low startup current and is ESD protected according to MIL-STD-883C.
The device requires external compensation and a very high value capacitor for stability.
The package is a Versawatt (TO220) and the device is not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.

Part No.L4945
ManufacturerSTMICROELECTRONICS
Size43 Kbytes
Pages6 pages
Description5V VERY LOW DROP VOLTAGE REGULATOR