![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about HCC4502B Datasheet
Example questions:
1. What is the function of a logic "1" on the OUTPUT DISABLE input in the HCC/HCF4502B integrated circuit?
2. How many inverter-buffers with 3-state outputs are there in the HCC/HCF4502B integrated circuit?
3. What is the purpose of the INHIBIT input in the HCC/HCF4502B integrated circuit?
The HCC/HCF4502B is a monolithic integrated circuit consisting of six inverter-buffers with 3-state outputs.
It is capable of driving two standard TTL loads and has a common output-disable control and an inhibit control.
The device is available in different temperature ranges and package types.
It has parametric ratings for different input voltages and is 100% tested for quiescent current.
The device meets all requirements of JEDEC tentative standard N°.
13A.
The absolute maximum ratings, recommended operating conditions, and static and dynamic electrical characteristics are also provided in the summary.
Additionally, the mechanical data for different package types is included.
The document is dated June 1989 and is the property of SGS-THOMSON Microelectronics.
Part No. | HCC4502B |
Manufacturer | STMICROELECTRONICS |
Size | 265 Kbytes |
Pages | 11 pages |
Description | STROBED HEX INVERTER/BUFFER |