Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA24-600B Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about BTA24-600B Datasheet

  • Example questions: 1. What are the main features of the BTA24, BTB24, BTA25, BTA26, and T25 triac series?
    2. What are the recommended applications for the BTA24, BTB24, BTA25, BTA26, and T25 triac series?
    3. What is the voltage rating for the BTA series' voltage insulated tab?

  • Part No.BTA24-600B
    ManufacturerSTMICROELECTRONICS
    Size137 Kbytes
    Pages12 pages
    Description25A TRIACS
    Datasheet Summary with AI

    The BTA24, BTB24, BTA25, BTA26, and T25 series are 25A triacs suitable for general purpose AC switching.
    They can be used for ON/OFF function in applications such as static relays, heating regulation, and induction motor starting circuits, as well as for phase control operation in light dimmers and motor speed controllers.
    The snubberless versions are recommended for use on inductive loads due to their high commutation performances.
    The triacs are available in through-hole or surface-mount packages and have voltage insulated tabs complying with UL standards.
    They have a maximum RMS on-state current of 25A and a voltage range of 600V to 800V.
    The ordering information scheme and package dimensions are also provided.

    Datasheet Summary with AI

    The BTA24, BTB24, BTA25, BTA26, and T25 series are 25A triacs suitable for general purpose AC switching.
    They can be used for ON/OFF function in applications such as static relays, heating regulation, and induction motor starting circuits, as well as for phase control operation in light dimmers and motor speed controllers.
    The snubberless versions are recommended for use on inductive loads due to their high commutation performances.
    The triacs are available in through-hole or surface-mount packages and have voltage insulated tabs complying with UL standards.
    They have a maximum RMS on-state current of 25A and a voltage range of 600V to 800V.
    The ordering information scheme and package dimensions are also provided.

    Part No.BTA24-600B
    ManufacturerSTMICROELECTRONICS
    Size137 Kbytes
    Pages12 pages
    Description25A TRIACS